Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC245 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74ALVC245
Description  Octal bus transceiver; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC245 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74ALVC245 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Nexperia
74ALVC245
Octal bus transceiver; 3-state
9. Static characteristics
Table 6. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
-40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit
VCC = 1.65 V to 1.95 V
0.65 × VCC
-
-
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VIH
HIGH-level input voltage
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 1.65 V to 1.95 V
-
-
0.35 × VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VIL
LOW-level input voltage
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VI = VIH or VIL
IO = 100 μA; VCC = 1.65 V to 3.6 V
VCC - 0.2
-
-
V
IO = 6 mA; VCC = 1.65 V
1.25
-
-
V
IO = 12 mA; VCC = 2.3 V
1.8
-
-
V
IO = 18 mA; VCC = 2.3 V
1.7
-
-
V
IO = 12 mA; VCC = 2.7 V
2.2
-
-
V
IO = 18 mA; VCC = 3.0 V
2.4
-
-
V
VOH
HIGH-level output voltage
IO = 24 mA; VCC = 3.0 V
2.2
-
-
V
VI = VIH or VIL
IO = -100 μA; VCC = 1.65 V to 3.6 V
-
-
0.2
V
IO = -6 mA; VCC = 1.65 V
-
-
0.3
V
IO = -12 mA; VCC = 2.3 V
-
-
0.4
V
IO = -18 mA; VCC = 2.3 V
-
-
0.6
V
IO = -12 mA; VCC = 2.7 V
-
-
0.4
V
IO = -18 mA; VCC = 3.0 V
-
-
0.4
V
VOL
LOW-level output voltage
IO = -24 mA; VCC = 3.0 V
-
-
0.55
V
IOZ
OFF-state output current
VI = VIH or VIL; VO = VCC or GND;
VCC = 3.6 V
[2]
-
±0.1
±10.0
μA
II
input leakage current
VI = VCC or GND; VCC = 3.6 V
-
±0.1
±5.0
μA
IOFF
power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V
-
±0.1
±10.0
μA
ICC
supply current
VI = VCC or GND; IO = 0 A; VCC = 3.6 V
-
0.2
10
μA
ΔICC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
750
μA
CI
input capacitance
-
3.5
-
pF
CI/O
input/output capacitance
-
3.5
-
pF
[1] All typical values are measured at VCC = 3.3 V and Tamb = 25 °C.
[2] For transceivers, the parameter IOZ includes the input leakage current.
74ALVC245
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 30 April 2021
5 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com