Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC245 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74ALVC245
Description  Octal bus transceiver; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC245 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74ALVC245 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC245 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74ALVC245
Octal bus transceiver; 3-state
Rev. 3 — 30 April 2021
Product data sheet
1. General description
The 74ALVC245 is an octal transceiver featuring non-inverting 3-state bus compatible outputs in
both send and receive directions. The 74ALVC245 features an output enable input (OE) for easy
cascading and send/receive input (DIR) for direction control. OE controls the outputs, so that the
buses are effectively isolated.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 3.6 V
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.5 V)
• JESD8B (2.7 V to 3.6 V)
• 3.6 V tolerant inputs/outputs
• CMOS low-power consumption
• Direct interface with TTL levels (2.7 V to 3.6 V)
• Power-down mode
• Latch-up performance exceeds 250 mA
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range
Name
Description
Version
74ALVC245D
-40 °C to +85 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74ALVC245PW -40 °C to +85 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74ALVC245BQ
-40 °C to +85 °C
DHVQFN20 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5 × 4.5 × 0.85 mm
SOT764-1


Similar Part No. - 74ALVC245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245 Datasheet
83Kb / 13P
Octal bus transceiver; 3-state
2003 Jul 10
logo
Fairchild Semiconductor
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
310Kb / 8P
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
logo
NXP Semiconductors
74ALVC245 NXP-74ALVC245 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74ALVC245BQ NXP-74ALVC245BQ Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
More results

Similar Description - 74ALVC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com