Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS12 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMS12
Description  4 LINE UNIDIRECTIONAL TVSarray
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMS12 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMS12 Datasheet HTML 1Page - Microsemi Corporation SMS12 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2000
MSC1686.PDF 2-14-2001 REV C
SMS03 thru SMS24
4 LINE UNIDIRECTIONAL TVSarray ™
PRODUCT PREVIEW
SCOTTSDALE DIVISION
DESCRIPTION
This 6 pin 4 line unidirectional array is designed for use in applications where
protection is required at the board level from voltage transients caused by
electrostatic discharge (ESD) as defined by IEC 61000-4-2, electrical fast
transients (EFT) per IEC 61000-4-4 and effects of secondary lighting.
These arrays are used to protect 4 discrete lines utilizing pins (1,3,4,6) with a
common anode (pins 2,5) configuration.
The SMS03 thru SMS24 product
provides board level protection from static electricity and other induced voltage
surges that can damage sensitive circuitry.
These Transient Voltage Suppressor (TVS) diode arrays protect 3.0/3.3 volt
components such as DRAM’s SRAM’s CMOS, HCMOS, HSIC, and low voltage
interfaces up to 24 volts. Because of the physical size, weight and protection
capabilities, this product is ideal for use in but not limited to miniaturized
electronic equipment such as hand held instruments, computers, computer
peripherals and cell phones.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless otherwise specified
STAND
OFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(FIGURE 2)
VOLTS
CLAMPING
VOLTAGE
VC
@ 5 Amp
(FIGURE 2)
VOLTS
STANDBY
CURRENT
ID
@ VWM
µA
CAPACITANCE
(f = 1 MHz)
@ 0V
C
pF
TEMPERATURE
COEFFICIENT
OF VBR
áVBR
mV/°C
PART
NUMBER
DEVICE
MARKING
MAX
MIN
MAX
MAX
MAX
TYP
MAX
SMS03
S3
3.3
4
7.5
11.5
100
200
-3
SMS05
S5
5.0
6.0
11
14.5
10
150
3
SMS12
S12
12.0
13.3
21
27
1
70
10
SMS15
S15
15.0
16.7
26
33
1
60
13
SMS24
S24
24.0
26.7
45
56 *
1
35
30
* CLAMPING VOLTAGE @ 3.6 Amp s
Note: Transient Voltage Suppressor (TVS) product is normally selected based on its stand off voltage VWM. Product selected
voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
TVS array
™ SERIES
APPLICATIONS
•
EIA-RS232 data rates
19.6kbs
•
EIA-RS422 data rates
10Mbs
•
EIA-RS423 data rates
100kbs
FEATURES
•
Protects 3.0/3.3 up through 24 volt components
•
Protects 4 unidirectional lines
•
Provides electrically isolated protection
•
SOT 23-6L Packaging
MAXIMUM RATIN GS
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
•
Peak Pulse power 200 watts (8/20 µs Figure 1)
•
SOT 23-6L Packaging
MECHANICAL
•
Molded SOT23-6L Surface Mount
•
Weight .014 grams (approximate)
•
Body Marked with device number
•
Part is symmetrical therefore pin one can be
defined as either one of the four corner pins (for
clarification see schematic on page 2)
PACKAGING
•
Tape & Reel per EIA Standard 481
•
3,000 pieces per 7 inch reel


Similar Part No. - SMS12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS12 SEMTECH-SMS12 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Protek Devices
SMS12 PROTEC-SMS12 Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
SMS12 PROTEC-SMS12 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SMS12 LEIDITECH-SMS12 Datasheet
160Kb / 3P
USB 2.0 power and data line
logo
Semtech Corporation
SMS12.TC SEMTECH-SMS12.TC Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
More results

Similar Description - SMS12

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
TVSarray Series
SMS03C MICROSEMI-SMS03C Datasheet
186Kb / 2P
4 LINE BIDIRECTIONAL TVSarray
SLVU2.8K MICROSEMI-SLVU2.8K Datasheet
235Kb / 3P
UNIDIRECTIONAL TVSarray
USB50403C MICROSEMI-USB50403C_1 Datasheet
105Kb / 2P
Bidirectional TVSarray ?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com