Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS12 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SMS12
Description  4 LINE UNIDIRECTIONAL TVSarray
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMS12 Datasheet(HTML) 2 Page - Microsemi Corporation

  SMS12 Datasheet HTML 1Page - Microsemi Corporation SMS12 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
© 2000
MSC1686.PDF 2-14-2001 REV C
SMS03 thru SMS24
4 LINE UNIDIRECTIONAL TVSarray ™
PRODUCT PREVIEW
SCOTTSDALE DIVISION
SYMBOLS & DEFIN ITIONS
Symbol
DEFINITION
VWM
Rated stand off voltage: Maximum dc voltage that can be applied over the operating temperature range. Vwm
must be selected to be equal or be greater than the operating voltage of the line to be protected
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current
VC
Clamping Voltage: Maximum clamping voltage across the TVS device when subjected to a given peak pulse
current at a pulse time of 20
µs.
ID
Standby Current: Leakage current at VWM.
C
Capacitance: Capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in Pico Farads.
GRAPHS
PACKAGING AND SCHEMA TIC
8/20µs 200W Pulse
.1
1
10
100
1000
FIGURE 1
Peak Pulse Power Vs Pulse Time t=µsec
FIGURE 2
Pulse Wave Form
10
1
.01
0.001
DIMENSIONS MILLIMETERS
DIMENSIONS INCHES
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
2.70
2.90
3.10
.106
.114
.127
A1
0.00
0.10
.000
.004
A2
1.00
1.10
1.30
.039
.043
.051
B
0.35
0.40
0.50
.014
.016
.020
C
0.10
0.15
0.25
.004
.006
.010
D
1.50
1.60
1.80
.059
.063
.071
E
1.70
1.90
2.10
.067
.075
.083
F
2.60
2.80
3.00
.102
.110
.118
G
0.20
.008



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com