Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1633-E/MG Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1633-E/MG
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633-E/MG Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1633-E/MG Datasheet HTML 17Page - Microchip Technology MCP1633-E/MG Datasheet HTML 18Page - Microchip Technology MCP1633-E/MG Datasheet HTML 19Page - Microchip Technology MCP1633-E/MG Datasheet HTML 20Page - Microchip Technology MCP1633-E/MG Datasheet HTML 21Page - Microchip Technology MCP1633-E/MG Datasheet HTML 22Page - Microchip Technology MCP1633-E/MG Datasheet HTML 23Page - Microchip Technology MCP1633-E/MG Datasheet HTML 24Page - Microchip Technology MCP1633-E/MG Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
 2020 Microchip Technology Inc.
DS20006289B-page 21
MCP1633
5.2
Recommended Start-Up Sequence
In order to reduce the start-up stress, it is
recommended to use the sequence below (Figure 5-4).
Depending of the capacitor placed on the FSW pin, the
necessary delay for DIMM signal can be calculated
with Equation 2.
EQUATION 2:
NECESSARY TIME TO
REACH 90% OF THE FINAL
VALUE FOR VFSW
FIGURE 5-4:
Start-Up Sequence.
5.3
Layout Recommendations
Good printed circuit board layout techniques are
important to any switching circuitry and switching
power supplies are no different. Here are the guidelines
for the PCB layout:
• The exposed pad of the MCP1633 QFN case is
the only connection to the internal device ground.
Connect this pad directly to the board ground
plane.
• Place at least four vias in the exposed pad land to
ensure good ground connection and remove heat
from the device.
• Use separate grounds for power and signal paths.
Keep high current paths away from sensitive
components and nodes (e.g., feedback and
compensation network components).
• Route the ISP and ISN together with Kelvin
connections to the current sense resistor with
traces as short as possible and use noise filters.
• Use short and strong connection between VEXT
and gate pin of the MOSFET.
• Locate the VREF, CSO, FSW, Comp, CSA gain
components near the MCP1633 case.
• Use separate connections to close each loop
directly to ground plane (VREF, CSO, FSW, Comp)
• Four-layer PCBs are highly recommended to
obtain optimum results regarding noise/EMI. Use
an internal layer as ground plane.
• Minimize the area of the high-current loops. Use
copper planes or large traces for high-current
connections in order to minimize the parasitic
inductances.
FIGURE 5-5:
MCP1633 SEPIC LED Driver Demo Board ADM01002.
ts

cnf
 rk
 2.3 10
6
–
=
VIN
EN
DIMM
t
t(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com