Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1633-E/MG Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1633-E/MG
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633-E/MG Datasheet(HTML) 4 Page - Microchip Technology

  MCP1633-E/MG Datasheet HTML 1Page - Microchip Technology MCP1633-E/MG Datasheet HTML 2Page - Microchip Technology MCP1633-E/MG Datasheet HTML 3Page - Microchip Technology MCP1633-E/MG Datasheet HTML 4Page - Microchip Technology MCP1633-E/MG Datasheet HTML 5Page - Microchip Technology MCP1633-E/MG Datasheet HTML 6Page - Microchip Technology MCP1633-E/MG Datasheet HTML 7Page - Microchip Technology MCP1633-E/MG Datasheet HTML 8Page - Microchip Technology MCP1633-E/MG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
MCP1633
DS20006289B-page 4
 2020 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings†
VCC................................................................................................................................................................................6V
Maximum Voltage on Any Pin ............................................................................................ (VGND – 0.3V) to (VIN + 0.3V)
VEXT Short Circuit Current......................................................................................................................Internally Limited
Storage Temperature..............................................................................................................................–65°C to +150°C
Maximum Junction Temperature ...........................................................................................................................+150°C
Operating Junction Temperature ............................................................................................................–40°C to +125°C
ESD Protection on All Pins (HMB)(1) ..........................................................................................................................2 kV
Note 1: Devices are ESD-sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, during characterization, VIN = 3.3V to 5.5V, FSW = 600 kHz with
CIN = 1.0 µF, TA = +25°C, TA = –40°C to +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Inputs
Input Operating Voltage
VIN
3—
5.5
V
Input Quiescent Current
I(VIN)—
55.75
mA
IEXT = 0 mA, VCC =5V,
FSW = 1200 kHz
Shutdown Current
IIN_SHDN
——
1
µA
EN = 0V
EN Input
EN Input Voltage Low
ENLOW
——
0.8
V
EN Input Voltage High
ENHIGH
75
—
—
% of
VIN
Oscillator
Internal Oscillator Range
FOSC
200
—
2200
kHz
Refer to Section 4.6 “Internal
Oscillator” for details
FSW Output Voltage
VRFSW
0—
3
V
External Synchronization
Signal Frequency Rage
FSYNC
200
—
2500
kHz
SYNC Signal Low Voltage
VSYNCL
——
0.8
V
SYNC Signal High Voltage
VSYNCH
2—
—
V
SYNC Signal Time Low
TSYNC_MAX
—10
—
ns
Note 1
SYNC Signal Time High
TSYNC_MIN
—10
—
ns
Note 1
SYNC Signal Rise/Fall Time
TSYNC RISE/
FALL
0.001
—
10
us
Note 1
Error Amplifier
Input Voltage Offset
VOS
–7.5
—
7.5
mV
Error Amplifier PSRR
PSRR
80
—
—
dB
VIN = +5V
Common Mode Input
Range
VCM
0—
2
V
Note 1: Determined by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com