Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP621 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP621
Description  20 MHz, 200 μV Op Amps with mCal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP621 Datasheet(HTML) 3 Page - Microchip Technology

  MCP621 Datasheet HTML 1Page - Microchip Technology MCP621 Datasheet HTML 2Page - Microchip Technology MCP621 Datasheet HTML 3Page - Microchip Technology MCP621 Datasheet HTML 4Page - Microchip Technology MCP621 Datasheet HTML 5Page - Microchip Technology MCP621 Datasheet HTML 6Page - Microchip Technology MCP621 Datasheet HTML 7Page - Microchip Technology MCP621 Datasheet HTML 8Page - Microchip Technology MCP621 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
 2009-2021 Microchip Technology Inc. and its subsidiaries
DS20002188E-page 3
MCP621/1S/2/3/4/5/9
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS .......................................................................6.5V
Current at Input Pins ....................................................±2 mA
Analog Inputs (VIN+ and VIN–) †† . VSS – 1.0V to VDD +1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD +0.3V
Output Short Circuit Current ................................ Continuous
Current at Output and Supply Pins ..........................±150 mA
Storage Temperature ...................................-65°C to +150°C
Max. Junction Temperature ........................................ +150°C
ESD protection on all pins (HBM, MM)
 1 kV, 200V
†Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other
conditions above those indicated in the operational
listings of this specification is not implied. Exposure to
maximum rating conditions for extended periods may
affect device reliability.
†† See Section 4.2.2, Input Voltage and Current
Limits.
1.2
Specifications
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND,
VCM = VDD/3, VOUT  VDD/2, VL = VDD/2, RL = 2 k to VL and CAL/CS =VSS (refer to Figure 1-2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-200
+200
µV
After calibration (Note 1)
Input Offset Voltage Trim Step
Size
VOSTRM
—37
200
µV
(Note 2)
Input Offset Voltage Drift
VOS/TA
±2.0
µV/°C TA = -40°C to +125°C
Power Supply Rejection Ratio
PSRR
61
76
dB
Input Current and Impedance
Input Bias Current
IB
—5
pA
Across Temperature
IB
100
pA
TA =+85°C
Across Temperature
IB
1700
5,000
pA
TA = +125°C
Input Offset Current
IOS
—±10
pA
Common Mode Input
Impedance
ZCM
—1013||9
||pF
Differential Input Impedance
ZDIFF
—1013||2
||pF
Common Mode
Common Mode Input Voltage
Range
VCMR
VSS  0.3
VDD  1.3
V
(Note 3)
Common Mode Rejection Ratio
CMRR
65
81
dB
VDD = 2.5V, VCM = -0.3 to
1.2V
CMRR
68
84
dB
VDD = 5.5V, VCM = -0.3 to
4.2V
Open-Loop Gain
DC Open-Loop Gain
(large signal)
AOL
88
117
dB
VDD = 2.5V,
VOUT = 0.3V to 2.2V
AOL
94
126
dB
VDD = 5.5V,
VOUT = 0.3V to 5.2V
Note 1: Describes the offset (under the specified conditions) right after power-up, or just after the CAL/CS pin is
toggled. Thus, 1/f noise effects (an apparent wander in VOS; see Figure 2-35) are not included.
2: Increment between adjacent VOS trim points; Figure 2-3 shows how this affects the VOS repeatability.
3: See Figure 2-6 and Figure 2-7 for temperature effects.
4: The ISC specifications are for design guidance only; they are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com