Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP621 Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP621
Description  20 MHz, 200 μV Op Amps with mCal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP621 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP621 Datasheet HTML 60Page - Microchip Technology MCP621 Datasheet HTML 61Page - Microchip Technology MCP621 Datasheet HTML 62Page - Microchip Technology MCP621 Datasheet HTML 63Page - Microchip Technology MCP621 Datasheet HTML 64Page - Microchip Technology MCP621 Datasheet HTML 65Page - Microchip Technology MCP621 Datasheet HTML 66Page - Microchip Technology MCP621 Datasheet HTML 67Page - Microchip Technology MCP621 Datasheet HTML 68Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
 2009-2021 Microchip Technology Inc. and its subsidiaries
DS20002188E-page 65
MCP621/1S/2/3/4/5/9
APPENDIX A: REVISION HISTORY
Revision E (November 2021)
The following is the list of modifications:
• Updated the Slew Rate value in Features.
Revision D (July 2014)
The following is the list of modifications:
• Updated the title of the document.
• Added the High Gain-Bandwidth Op Amp Portfolio
table and updated all sections on page 1.
Revision C (August 2011)
The following is the list of modifications:
• Added the MCP621S and MCP623 amplifiers to
the product family and the related information
throughout the document.
• Added the 2x3 TDFN (8L) package option for
MCP621, SOT-23 (5L) package for MCP621S
and SOT-23 (6L) package option for MCP623 and
the related information throughout the document.
• Updated Section 6.0 “Packaging Information”
with markings for the new additions. Added the
corresponding SOT-23 (5L), SOT-23 (6L) and 2x3
TDFN (8L) package options and related
information.
• Updated table description and examples in
Product Identification System.
Revision B (June 2011)
The following is the list of modifications:
• Added the MCP624 and MCP629 amplifiers to the
product family and the related information
throughout the document.
• Added the corresponding SOIC (14L), TSSOP
(14L) and QFN (16L) package options and related
information.
Revision A (June 2009)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com