Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016-AP32 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5016-AP32
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016-AP32 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5016-AP32 Datasheet HTML 9Page - Cirrus Logic CS5016-AP32 Datasheet HTML 10Page - Cirrus Logic CS5016-AP32 Datasheet HTML 11Page - Cirrus Logic CS5016-AP32 Datasheet HTML 12Page - Cirrus Logic CS5016-AP32 Datasheet HTML 13Page - Cirrus Logic CS5016-AP32 Datasheet HTML 14Page - Cirrus Logic CS5016-AP32 Datasheet HTML 15Page - Cirrus Logic CS5016-AP32 Datasheet HTML 16Page - Cirrus Logic CS5016-AP32 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
All calibration, conversion, and throughput times
directly scale to CLKIN frequency. Thus,
throughput can be precisely controlled and/or
maximized using an external CLKIN signal. In
contrast, the CS5012A/14/16’s internal oscillator
will vary from unit-to-unit and over temperature.
The CS5012A/14/16 can typically convert with
CLKIN as low as 10 kHz at room temperature.
Initiating Conversions
A falling transition on the HOLD pin places the
input in the hold mode and initiates a conversion
cycle. Upon completion of the conversion cycle,
the CS5012A/14/16 automatically return to the
track mode. In contrast to systems with separate
track-and-holds and A/D converters, a sampling
clock can simply be connected to the HOLD in-
put (Figure 3a). The duty cycle of this clock is
not critical. It need only remain low at least one
CLKIN cycle plus 50 ns, but no longer than the
minimum conversion time or an additional con-
version cycle will be initiated with inadequate
time for acquisition.
Microprocessor-Controlled Operation
Sampling and conversion can be placed under
microprocessor control (Figure 4) by simply gat-
ing the devices’ decoded address with the write
strobe for the HOLD input. Thus, a write cycle to
the CS5012A/14/16’s base address will initiate a
conversion. However, the write cycle must be to
the odd address (A0 high) to avoid initiating a
software controlled reset (see Reset below).
The calibration control inputs, CAL, and
INTRLV are inputs to a set of transparent latches.
These signals are internally latched by CS return-
ing high. They must be in the appropriate state
whenever the chip is selected during a read or
write cycle. Address lines A1 and A2 are shown
connected to CAL and INTRLV in Figure 4 plac-
ing calibration under microprocessor control as
well. Thus, any read or write cycle to the
CS5012A/14/16’s base address will initiate or ter-
minate calibration. Alternatively, A0, INTRLV,
and CAL may be connected to the microproces-
sor data bus.
Conversion Time/Throughput
Upon completing a conversion cycle and return-
ing to the track mode, the CS5012A/14/16
require time to acquire the analog input signal
before another conversion can be initiated. The
acquisition time is specified as six CLKIN cycles
plus 2.25
µs (1.32 µs for the CS5012A -7 version
only). This adds to the conversion time to define
the converter’s maximum throughput. The con-
version time of the CS5012A/14/16, in turn,
depends on the sampling, calibration, and CLKIN
conditions.
HOLD
CS5012A/14/16
Addr
Dec
A3
AN
Address
Bus
WR
RD
CS
RD
INTRLV
A2
A1
CAL
A0
A0
ADDR VALID
Figure 4b. Conversions under Microprocessor Control
CS5012A/14/16
CS
Addr
Dec
A3
AN
Address
Bus
RD
RD
CONCLK
HOLD
INTRLV
CAL
A0
A2
A1
A0
ADDR VALID
Figure 4a. Conversions Asynchronous to CLKIN
CS5012A, CS5014, CS5016
DS14F6
2-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com