Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016-AP32 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5016-AP32
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016-AP32 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5016-AP32 Datasheet HTML 35Page - Cirrus Logic CS5016-AP32 Datasheet HTML 36Page - Cirrus Logic CS5016-AP32 Datasheet HTML 37Page - Cirrus Logic CS5016-AP32 Datasheet HTML 38Page - Cirrus Logic CS5016-AP32 Datasheet HTML 39Page - Cirrus Logic CS5016-AP32 Datasheet HTML 40Page - Cirrus Logic CS5016-AP32 Datasheet HTML 41Page - Cirrus Logic CS5016-AP32 Datasheet HTML 42Page - Cirrus Logic CS5016-AP32 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
CS5012A Ordering Guide
Model
Throughput Conversion Time
Maximum DNL
Temp. Range
Package
CS5012A-KP12
63 kHz
12.25
µs
±1/2 LSB
0 to 70
°C
40-Pin Plastic DIP
CS5012A-KP7
100 kHz
7.20
µs
±1/2 LSB
0 to 70
°C
40-Pin Plastic DIP
CS5012A-KL12
63 kHz
12.25
µs
±1/2 LSB
0 to 70
°C
44-Pin PLCC
CS5012A-KL7
100 kHz
7.20
µs
±1/2 LSB
0 to 70
°C
44-Pin PLCC
CS5012A-BP12
63 kHz
12.25
µs
±1/2 LSB
-40 to +85
°C
40-Pin Plastic DIP
CS5012A-BP7
100 kHz
7.20
µs
±1/2 LSB
-40 to +85
°C
40-Pin Plastic DIP
CS5012A-BL12
63 kHz
12.25
µs
±1/2 LSB
-40 to +85
°C
44-Pin PLCC
CS5012A-BL7
100 kHz
7.20
µs
±1/2 LSB
-40 to +85
°C
44-Pin PLCC
5962-8967901QA
63 kHz
12.25
µs
±1/2 LSB
-55 to +125
°C
40-Pin CerDIP
5962-8967901XA
63 kHz
12.25
µs
±1/2 LSB
-55 to +125
°C
44-Pin Ceramic LCC
The CS5012A is recommended for new designs. The following is a list of upgraded part numbers.
Discontinued
Equivalent
Part Number
Recommended Device.
CS5012-KP24
CS5012A-KP12
CS5012-KP12
CS5012A-KP12
CS5012-KP7
CS5012A-KP7
CS5012-KL24
CS5012A-KL12
CS5012-KL12
CS5012A-KL12
CS5012-KL7
CS5012A-KL7
CS5012-BD24
CS5012A-BP12
CS5012-BD12
CS5012A-BP12
CS5012-BD7
CS5012A-BP7
CS5012-BL24
CS5012A-BL12
CS5012-BL12
CS5012A-BL12
CS5012-BL7
CS5012A-BL7
CS5012-TD24B
5962-897901QA
CS5012-TD12B
5962-897901QA
CS5012-TE24B
5962-897901XA
CS5012-TE12B
5962-897901XA
CS5012A, CS5014, CS5016
DS14F6
2-45
AS PER EOL MAY 22, 2000
CURRENT PRODUCT
REPLACEMENT
BEING OBSOLETED
PRODUCT
CS5012A -KP12
40 pin DIP
CS5012A -BP7
CS5012A -KP7
40 pin DIP
CS5012A -BP7
CS5012A -BP12
40 pin DIP
CS5012A -BP7
CS5012A -KL12
44 pin PLCC
CS5012A -BL7
CS5012A -KL7
44 pin PLCC
CS5012A -BL7
CS5012A -BL12
44 pin PLCC
CS5012A -BL7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com