Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3208TL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3208TL
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3208TL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3208TL Datasheet HTML 1Page - National Semiconductor (TI) LM3208TL Datasheet HTML 2Page - National Semiconductor (TI) LM3208TL Datasheet HTML 3Page - National Semiconductor (TI) LM3208TL Datasheet HTML 4Page - National Semiconductor (TI) LM3208TL Datasheet HTML 5Page - National Semiconductor (TI) LM3208TL Datasheet HTML 6Page - National Semiconductor (TI) LM3208TL Datasheet HTML 7Page - National Semiconductor (TI) LM3208TL Datasheet HTML 8Page - National Semiconductor (TI) LM3208TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM3208
650mA Miniature, Adjustable, Step-Down DC-DC
Converter for RF Power Amplifiers
General Description
The LM3208 is a DC-DC converter optimized for powering
RF power amplifiers (PAs) from a single Lithium-Ion cell.
However, it may be used in many other applications. It steps
down an input voltage in the range from 2.7V to 5.5V to an
adjustable output voltage of 0.8V to 3.6V. Output voltage is
set by using a V
CON analog input to control power levels and
efficiency of the RF PA.
The LM3208 offers superior performance for mobile phones
and similar RF PA applications. Fixed-frequency PWM op-
eration minimizes RF interference. A shutdown function turns
the device off and reduces battery consumption to 0.01 µA
(typ.).
The LM3208 is available in an 8-pin lead-free micro SMD
package. A high switching frequency (2 MHz typ.) allows use
of tiny surface-mount components. Only three small external
surface-mount components, an inductor and two ceramic
capacitors, are required.
Features
n
2 MHz (typ.) PWM Switching Frequency
n
Operates from a single Li-Ion cell (2.7V to 5.5V)
n
Adjustable Output Voltage (0.8V to 3.6V)
n
Fast Output Voltage Transient (0.8V to 3.4V in 25µs
typ.)
n
650mA Maximum load capability
n
High Efficiency (95% typ. at 3.9V
IN, 3.4VOUT at 400mA)
n
8-pin micro SMD Package
n
Current Overload Protection
n
Thermal Overload Protection
Applications
n
Cellular Phones
n
Hand-Held Radios
n
RF PC Cards
n
Battery Powered RF Devices
Typical Application
20166301
FIGURE 1. LM3208 Typical Application
April 2006
© 2006 National Semiconductor Corporation
DS201663
www.national.com


Similar Part No. - LM3208TL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3208TL/NOPB TI1-LM3208TL/NOPB Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
LM3208TLX/NOPB TI1-LM3208TLX/NOPB Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
More results

Similar Description - LM3208TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com