Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3208TL Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3208TL
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3208TL Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3208TL Datasheet HTML 6Page - National Semiconductor (TI) LM3208TL Datasheet HTML 7Page - National Semiconductor (TI) LM3208TL Datasheet HTML 8Page - National Semiconductor (TI) LM3208TL Datasheet HTML 9Page - National Semiconductor (TI) LM3208TL Datasheet HTML 10Page - National Semiconductor (TI) LM3208TL Datasheet HTML 11Page - National Semiconductor (TI) LM3208TL Datasheet HTML 12Page - National Semiconductor (TI) LM3208TL Datasheet HTML 13Page - National Semiconductor (TI) LM3208TL Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical Performance Characteristics (Circuit in Figure 3,PV
IN =VDD = EN = 3.6V and TA = 25˚C
unless otherwise specified.). (Continued)
Shutdown Response
(V
IN = 4.2V, VOUT = 3.4V, RLOAD =10
Ω)
Line Transient Reponse
(V
IN = 3.0V to 3.6V, IOUT = 100mA)
20166339
20166319
V
CON Transient Response
(V
IN = 4.2V, VCON = 0.32V/1.44V, RLOAD =10
Ω)
Timed Current Limit Response
(V
IN = 3.6V)
20166346
20166338
Output Voltage Ripple
(V
OUT = 1.3V)
Output Voltage Ripple
(V
OUT = 3.4V)
20166334
20166305
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com