Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7003 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP7003
Description  Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP7003 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP7003 Datasheet HTML 1Page - Toshiba Semiconductor MP7003 Datasheet HTML 2Page - Toshiba Semiconductor MP7003 Datasheet HTML 3Page - Toshiba Semiconductor MP7003 Datasheet HTML 4Page - Toshiba Semiconductor MP7003 Datasheet HTML 5Page - Toshiba Semiconductor MP7003 Datasheet HTML 6Page - Toshiba Semiconductor MP7003 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MP7003
2000-12-22
1/7
TOSHIBA Power Module
M P 7 0 0 3
1.
Maximum Ratings (Ta
==== 25°C)
Diode
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
600
V
Peak one cycle surge forward current
(D1, D2, D3, D4)
(50 Hz, non-repetitive)
IFSM
220
A
Forward current
IF
25
A
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-40~125
°C
IGBT
Characteristics
Symbol
Rating
Unit
Collector-emitter voltage
VCES
600
V
Gate-emitter voltage
VGES
±20
V
DC
IC
40
A
Collector current
1 ms
ICP
80
A
Collector power dissipation
(Tc
= 25°C)
PC
37
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-40~125
°C
All system
Characteristics
Symbol
Condition
Rating
Unit
Isolation voltage
VISO
AC 1 minute
2500
V
· TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the
buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and
to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or
damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the
most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling
Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
· The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy
control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
· The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
· The information contained herein is subject to change without notice.
000707EAA1


Similar Part No. - MP7003

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP7001 TOSHIBA-MP7001 Datasheet
151Kb / 7P
TOSHIBA Power Module
MP7002 TOSHIBA-MP7002 Datasheet
310Kb / 8P
TOSHIBA POWER MODULE
logo
Multicomp Pro
MP700255 MULTICOMP-MP700255 Datasheet
147Kb / 1P
6 LED Pen Light
22/01/20 V1.0
MP700292 MULTICOMP-MP700292 Datasheet
309Kb / 2P
Copper Foil Tapes with Conductive Adhesive
30/06/20 V1.0
MP700294 MULTICOMP-MP700294 Datasheet
309Kb / 2P
Copper Foil Tapes with Conductive Adhesive
30/06/20 V1.0
More results

Similar Description - MP7003

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
Power Module
M20W BOURNS-M20W Datasheet
183Kb / 2P
Power Module
logo
Solid States Devices, I...
PM0004 SSDI-PM0004 Datasheet
63Kb / 2P
POWER MODULE
PM0024 SSDI-PM0024 Datasheet
132Kb / 2P
POWER MODULE
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
POWER MODULE
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
POWER MODULE
IRKT130 IRI-IRKT130 Datasheet
1Mb / 5P
POWER MODULE
IRKD40 IRI-IRKD40 Datasheet
2Mb / 4P
POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com