Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7003 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MP7003
Description  Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP7003 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MP7003 Datasheet HTML 1Page - Toshiba Semiconductor MP7003 Datasheet HTML 2Page - Toshiba Semiconductor MP7003 Datasheet HTML 3Page - Toshiba Semiconductor MP7003 Datasheet HTML 4Page - Toshiba Semiconductor MP7003 Datasheet HTML 5Page - Toshiba Semiconductor MP7003 Datasheet HTML 6Page - Toshiba Semiconductor MP7003 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MP7003
2000-12-22
2/7
2.
Electrical Characteristics (Ta
==== 25°C)
Diode
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Peak forward voltage (1)
VFM (1)
IF = 12.5 A
¾
1.0
1.2
V
Peak forward voltage (2)
VFM (2)
IF = 30 A
¾
1.20
1.55
V
Repetitive peak reverse Current
IRRM
VRRM = 600 V
10
mA
Peak reverse current (D1, D2, D3, D4)
Irr
IF = 30 A
100
A
Thermal resistance
Rth (j-c)
¾
¾
¾
3.5
°C/W
IGBT
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGES
VGE = ±20 V, VCE = 0
¾
¾
±500
nA
Collector cut-off current
ICES
VCE = 600 V, VGE = 0
¾
¾
1.0
mA
Gate-emitter cut-off voltage
VGE (OFF)
IC = 40 mA, VCE = 5 V
3.0
¾
6.0
V
Collector-emitter saturation voltage
VCE (sat)
IC = 40 A, VGE = 15 V
¾
1.9
2.7
V
Input capacitance
Cies
VCE = 10 V, VGE = 0,
f
= 1 MHz
¾
2900
¾
pF
Rise time
tr
¾
0.4
¾
Turn-on time
ton
¾
0.7
¾
Fall time
tf
¾
0.3
0.42
Switching time
Turn-off Time
toff
Load resistance
VCC = 300 V, IC = 40 A
VGE = ±15 V, (RG = 56 W)
(Note)
¾
0.7
¾
ms
Thermal Resistance
Rth (j-c)
¾
¾
3.3
°C/W
3.
Mechanical Rating
Characteristics
Min
Typ.
Max
Unit
Fastening torque
¾
¾
1.5
Nm
Note:
Switching time test circuit & timing chart
Load Resistance Test Circuit
Waveform
-15 V
15 V
7.5
W
RG =
56
W
50
ms
0
90%
10%
0
0
90%
10%
90%
ton
toff
tf
10%
tr
VGE
IC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com