Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD67B Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # UPD67B
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67B Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button UPD67B Datasheet HTML 57Page - Renesas Technology Corp UPD67B Datasheet HTML 58Page - Renesas Technology Corp UPD67B Datasheet HTML 59Page - Renesas Technology Corp UPD67B Datasheet HTML 60Page - Renesas Technology Corp UPD67B Datasheet HTML 61Page - Renesas Technology Corp UPD67B Datasheet HTML 62Page - Renesas Technology Corp UPD67B Datasheet HTML 63Page - Renesas Technology Corp UPD67B Datasheet HTML 64Page - Renesas Technology Corp UPD67B Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
59
µPD67B, 68B
Data Sheet U16792EJ1V1DS
12. CHARACTERISTIC CURVES (REFERENCE VALUES)
Power supply voltage VDD [V]
IDD vs. VDD (fx = 4 MHz)
(TA = 25
°C)
1.5
2
3
2.5
3.6
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Operation mode
HALT mode
25
20
15
10
5
0
1
2
3
Low-level output voltage VOL [V]
IOL vs. VOL (REM, LED)
(TA = 25
°C, VDD = 3.0 V)
− 20
− 18
− 16
− 14
− 12
− 10
− 8
− 6
− 4
− 2
0
VDD
VDD
− 1VDD − 2VDD − 3
High-level output voltage VOH [V]
IOH vs. VOH (REM, LED, KI/O)
(TA = 25
°C, VDD = 3.0 V)
500
450
400
350
300
250
200
150
100
50
01
2
3
Low-level output voltage VOL [V]
IOL vs. VOL (KI/O)
(TA = 25
°C, VDD = 3.0 V)
1.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com