Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD67B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD67B
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD67B Datasheet HTML 9Page - Renesas Technology Corp UPD67B Datasheet HTML 10Page - Renesas Technology Corp UPD67B Datasheet HTML 11Page - Renesas Technology Corp UPD67B Datasheet HTML 12Page - Renesas Technology Corp UPD67B Datasheet HTML 13Page - Renesas Technology Corp UPD67B Datasheet HTML 14Page - Renesas Technology Corp UPD67B Datasheet HTML 15Page - Renesas Technology Corp UPD67B Datasheet HTML 16Page - Renesas Technology Corp UPD67B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
11
µPD67B, 68B
Data Sheet U16792EJ1V1DS
Figure 2-4. Data Memory Configuration
2.6 Data Pointer (DP): 12 Bits
The ROM data table can be referenced by setting the ROM address in the data pointer to call the ROM contents.
The lower 8 bits of the ROM address are specified by R0 of the data memory; and the higher 4 bits by bits 4
to 7 of the P3 register (CR0).
After reset, the pointer contents become 000H.
Figure 2-5. Data Pointer Configuration
Note Set DP10 and DP11 to 0 in the case of the
µPD67B and set DP10 to 0 in the case of the µPD68B.
2.7 Accumulator (A): 4 Bits
The accumulator, which refers to a register consisting of 4 bits, plays a leading role in performing various
operations.
After reset, the accumulator contents are left undefined.
Figure 2-6. Accumulator Configuration
A3
A2
A1
A0
A
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
RA
RB
RC
RD
RE
RF
R10
R00
R11
R01
R12
R02
R13
R03
R14
R04
R15
R05
R16
R06
R17
R07
R18
R08
R19
R09
R1A
R0A
R1B
R0B
R1C
R0C
R1D
R0D
R1E
R0E
R1F
R0F
→DP (refer to 2.6 Data Pointer (DP))
→ASR (refer to 2.3 Address Stack Register (ASR (RF)))
R1n (higher 4 bits) R0n (lower 4 bits)
Page 0
R00
DP9
DP8
DP7
DP6
DP5
DP4
DP3
DP2
DP1
DP0
R10
R0
b4
b5
P3 register
P3
DP10
Note
b6
DP11
Note
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com