Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # UPD70F3003A
Description  MOS INTEGRATED CIRCUIT
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD70F3003A Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button UPD70F3003A Datasheet HTML 36Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 37Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 38Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 39Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 40Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 41Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 42Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 43Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
µPD70F3003A, 70F3025A, 70F3003A(A)
38
Data Sheet U13189EJ5V1DS
Cautions 1. VPP pull-down resistance value (RVPP) is recommended to be in the range 5 k
Ω to 15 kΩ.
2. Set the transfer rate between programmer and device as follows.
CSI0:
0.2 to 1 MHz
UART0: 4,800 to 76,800 bps
Remarks 1. When the PG-FP3 is used, a time parameter required for writing/erasing by downloading parameter
files is automatically set. Do not change the settings unless otherwise specified.
2. Area 0 = 00000H to 1FFFFH, area 1 = 20000H to 3FFFFH (area 1 is provided in the
µPD70F3025A
only)
3. The rank is indicated by the 5th character from the left in the lot number.
4. The I rank applies to engineering samples (ES) only. The operation of an ES is not guaranteed.
5.
φ: Internal system clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com