Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3003A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD70F3003A
Description  MOS INTEGRATED CIRCUIT
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD70F3003A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD70F3003A Datasheet HTML 17Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 18Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 19Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 20Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 21Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 22Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 23Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 24Page - Renesas Technology Corp UPD70F3003A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
µPD70F3003A, 70F3025A, 70F3003A(A)
19
Data Sheet U13189EJ5V1DS
Data Retention Characteristics (TA = –40 to +85
°C, VDD = VDDDR)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data hold voltage
VDDDR
STOP mode
1.5
5.5
V
Data hold current
IDDDR
µPD70F3003A, CESEL = 0, Note 1
0.4VDDDR
50
µA
70F3003A(A)
CESEL = 0, Note 2
0.4VDDDR
200
µA
CESEL = 1, Note 1
6VDDDR
200
µA
CESEL = 1, Note 2
6VDDDR
500
µA
µPD70F3025A CESEL = 0, Note 1
0.4VDDDR
50
µA
CESEL = 0, Note 2
0.4VDDDR
200
µA
CESEL = 1, Note 1
12VDDDR
300
µA
CESEL = 1, Note 2
12VDDDR
500
µA
Supply voltage rise time
tRVD
200
µs
Supply voltage fall time
tFVD
200
µs
Supply voltage hold time
tHVD
0ms
(vs. STOP mode setting)
STOP mode release signal input time
tDREL
0ns
Data hold input voltage, high
VIHDR
Note 3
0.9VDDDR
VDDDR
V
Data hold input voltage, low
VILDR
Note 3
0
0.1VDDDR
V
Notes 1. –40
°C ≤ TA ≤ +50°C
2. 50
°C <TA ≤ 85°C
3. P02 to P07, P12 to P17, P23, P24, P26, P27, P32 to P37, P112 to P117, RESET, NMI, MODE, X1, and
their alternate-function pins.
Remark
TYP. values are reference values for when TA = 25
°C (except for the conditions in Note 2) and VDD =
5.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com