Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2720AX Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU2720AX
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2720AX Datasheet(HTML) 4 Page - NXP Semiconductors

  BU2720AX Datasheet HTML 1Page - NXP Semiconductors BU2720AX Datasheet HTML 2Page - NXP Semiconductors BU2720AX Datasheet HTML 3Page - NXP Semiconductors BU2720AX Datasheet HTML 4Page - NXP Semiconductors BU2720AX Datasheet HTML 5Page - NXP Semiconductors BU2720AX Datasheet HTML 6Page - NXP Semiconductors BU2720AX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2720AX
Fig.7. DC current gain. h
FE = f (IC)
Parameter T
hs
(Low and high gain)
Fig.8. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
Fig.9. Typical base-emitter saturation voltage.
V
BEsat = f (IB); parameter IC
Fig.10. Limit P
tot; Tj = 85˚C
P
tot = f (IB(end)); IC = 4.5 A; f = 16 kHz
Fig.11. Limit P
tot; Tj = 85˚C
P
tot = f (IB(end)); IC = 5.5 A; f = 16 kHz
Fig.12. Limit storage and fall time.
t
s = f (IB); tf = f (IB); Parameter IC; Tj = 85˚C; f = 16 kHz
0.01
0.1
1
10
100
1
10
100
Ths = 25 C
Ths = 85 C
VCE = 1 V
hFE
BU2720/22AF
IC / A
0
0.5
1.0
1.5
2.0
1
10
PTOT / W
BU2720AF
IB / A
IC = 4.5 A
f = 16 kHz
Tj = 85 C
0.01
0.1
1
10
0.1
1
10
100
Tj = 85 C
Tj = 25 C
IC/IB = 8
IC/IB = 4
VCEsat / V
BU2720AF
IC / A
0.5
1
1.5
2
2.5
1
10
PTOT / W
BU2720AF
IB / A
IC = 5.5 A
f = 16 kHz
Tj = 85 C
0
0.5
1
1.5
2
0.6
0.7
0.8
0.9
1
Tj = 25 C
Tj = 85 C
IC = 5.5 A
4.5 A
VBEsat / V
BU2720AF
IB / A
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
ts/tf / us
BU2720AF
IC = 5.5 A
IC = 4.5 A
IB / A
September 1997
4
Rev 1.200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com