Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2720AX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BU2720AX
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2720AX Datasheet(HTML) 1 Page - NXP Semiconductors

  BU2720AX Datasheet HTML 1Page - NXP Semiconductors BU2720AX Datasheet HTML 2Page - NXP Semiconductors BU2720AX Datasheet HTML 3Page - NXP Semiconductors BU2720AX Datasheet HTML 4Page - NXP Semiconductors BU2720AX Datasheet HTML 5Page - NXP Semiconductors BU2720AX Datasheet HTML 6Page - NXP Semiconductors BU2720AX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2720AX
GENERAL DESCRIPTION
High voltage, high-speed switching npn transistor in a plastic full-pack envelope intended for use in horizontal
deflection circuits of colour television receivers. Designed to withstand V
CES pulses up to 1700V.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1700
V
V
CEO
Collector-emitter voltage (open base)
-
825
V
I
C
Collector current (DC)
-
10
A
I
CM
Collector current peak value
-
25
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
45
W
V
CEsat
Collector-emitter saturation voltage
I
C = 5.5 A; IB = 1.38 A
-
1.0
V
I
Csat
Collector saturation current
f = 16 kHz
5.5
-
A
t
s
Storage time
I
Csat = 5.5 A; f = 16 kHz
7.4
8.5
µs
PINNING - SOT399
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1700
V
V
CEO
Collector-emitter voltage (open base)
-
825
V
I
C
Collector current (DC)
-
10
A
I
CM
Collector current peak value
-
25
A
I
B
Base current (DC)
-
10
A
I
BM
Base current peak value
-
14
A
-I
B(AV)
Reverse base current
average over any 20 ms period
-
150
mA
-I
BM
Reverse base current peak value
1
-6
A
P
tot
Total power dissipation
T
hs ≤
25 ˚C
-
45
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
ESD LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor voltage Human body model (250 pF,
-
10
kV
1.5 k
Ω)
case
12 3
b
c
e
1 Turn-off current.
September 1997
1
Rev 1.200


Similar Part No. - BU2720AX

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU2720AX ISC-BU2720AX Datasheet
105Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU2720AX SAVANTIC-BU2720AX Datasheet
146Kb / 3P
Silicon NPN Power Transistors
BU2720AX SAVANTIC-BU2720AX Datasheet
147Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BU2720AX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com