Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5410 Datasheet(PDF) 95 Page - STMicroelectronics

Part # VV5410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button VV5410 Datasheet HTML 91Page - STMicroelectronics VV5410 Datasheet HTML 92Page - STMicroelectronics VV5410 Datasheet HTML 93Page - STMicroelectronics VV5410 Datasheet HTML 94Page - STMicroelectronics VV5410 Datasheet HTML 95Page - STMicroelectronics VV5410 Datasheet HTML 96Page - STMicroelectronics VV5410 Datasheet HTML 97Page - STMicroelectronics VV5410 Datasheet HTML 98Page - STMicroelectronics VV5410 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
95/105
cd5410-6410f-3-0.fm
13. Pixel Defect Specification
13.1 Pixel Fault Definitions
Please find the pixel notation described in Figure 49 below. For the purposes of the test the 3x3 array describes 9 bayer pixels of
a common colour, i.e. ALL the pixels will either be Red, Green or Blue. The pixel under test is X.
Figure 49 : Pixel Numbering Notation
13.2 Stuck at White Pixel Fault
A pixel is said to be “stuck at white” - it can also be referred to as “hot” - if it is saturated (pixel output at maximum) even with no
incident light and exposure set to zero.
13.3 Stuck at Black Pixel Fault
A pixel is said to be “stuck at black” - it can also be referred to as “dead” - if the pixel output is zero even if the pixel is fully
exposed to incident light.
13.4 Column / Row Faults
A line of continuous pixel fails of length > 3 will be described as a row fault in the x-direction and a column fault in the y-direction.
If the array contains more than 1 row or column fault and the defective pixels overlap as shown in Figure 50 then this fault is
described as a double row or double column fault respectively. The minimum overlap is 1 pixel. A defective pixel is indicated by X
and a good pixel by ‘p’.
Figure 50 : Double Column Fault
In Figure 51 there are 2 column faults however there is no overlap between the 2 columns therefore there are 2 single column
faults but no double column faults.
[0]
[1]
[2]
[7]
X
[3]
[6]
[5]
[4]
n
n+1
X
‘p’
X
‘p’
X
p
XX
‘p’
X
‘p’
X
‘p’
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com