Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5410 Datasheet(PDF) 28 Page - STMicroelectronics

Part # VV5410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VV5410 Datasheet HTML 24Page - STMicroelectronics VV5410 Datasheet HTML 25Page - STMicroelectronics VV5410 Datasheet HTML 26Page - STMicroelectronics VV5410 Datasheet HTML 27Page - STMicroelectronics VV5410 Datasheet HTML 28Page - STMicroelectronics VV5410 Datasheet HTML 29Page - STMicroelectronics VV5410 Datasheet HTML 30Page - STMicroelectronics VV5410 Datasheet HTML 31Page - STMicroelectronics VV5410 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 105 page
background image
VV5410 & VV6410
Digital Video Interface Format
cd5410-6410f-3-0.fm
Commercial in confidence
28/105
5-wire mode data is output on D[4:0].
Multiplexed with the sampled pixel data is control information including both video timing references, sensor status/configuration
data and the pixel average from the current line.
Video timing reference information takes the form of field start characters, line start characters, end of line characters and a line
counter.
Where hexadecimal values are used, they are indicated by a subscript H, such as FFH; other values are decimal.
8.2
Embedded control data
To distinguish the control data from the sampled video data all control data is encapsulated in embedded control sequences.
These are 6 bytes long and include a combined escape/sync character sequence, 1 control byte (the ‘command byte’) and 2
bytes of supplementary data.
To minimise the susceptibility of the embedded control data to random bit errors redundant coding techniques have been used to
allow single bit errors in the embedded control words to be corrected. However, more serious corruption of control words or the
corruption of escape/sync characters cannot be tolerated without loss of sync to the data stream. To ensure that a loss of sync is
detected a simple set of rules has been devised. The four exceptions to the rules are outlined below:
1. Data containing a command word that has two bit errors.
2. Data containing two ‘end of line’ codes that are not separated by a ‘start of line’ code.
3. Data preceding an ‘end of field’ code before a start of frame’ code has been received.
4. Data containing line that do not have sequential line numbers (excluding the ‘end of field’ line).
If the host detects one of these violations then it should abandon the current field of video
8.2.1
The combined escape and sync character
Each embedded control sequence begins with a combined escape and sync character that is made up of three words. The first
two of these are FFH FFH- constituting two words that are illegal in normal data. The next word is 00H - guaranteeing a clear
signal transition that allows a host to determine the position of the word boundaries in the serial stream of nibbles. Combined
escape and sync characters are always followed by a command byte - making up the four byte minimum embedded control
sequence.
8.2.2
The command word
The byte that follows the combined escape/sync characters defines the type of embedded control data. Three of the 8 bits are
used to carry the control information, four are ‘parity bits’ that allow the host to detect and correct a certain level of errors in the
transmission of the command words, the remaining bit is always set to 1 to ensure that the command word never has the value
00H. The coding scheme used allows the correction of single bit errors (in the 8-bit sequence) and the detection of 2 bit errors
The three data bits of the command word are interpreted as shown in Figure 13.The even parity bits are based on the following
relationships:
1. An even number of ones in the 4-bit sequence (C2, C1, C0 and P0).
2. An even number of ones in the 3-bit sequence (C2, C1, P1).
3. An even number of ones in the 3-bit sequence (C2, C0, P2).
4. An even number of ones in the 3-bit sequence (C1, C0, P3).
Table 13 shows how the parity bits maybe used to detect and correct 1-bit errors and detect 2-bit errors.
8.2.3
Supplementary Data
The last 2 bytes of the embedded control sequence contains supplementary data. The are two options:
1. The last 2 bytes of the SAV 6 byte sequence contain the current 12-bit line number. The 12-bit line number is packaged up
by splitting it into two 6-bit values. Each 6-bit value is then converted into an 8-bit value by adding a zero to the start and an
odd word parity bit at the end.
2. The 5th byte of the EAV sequence contains a pixel average for that line either based upon the middle 256 pixels if the
CIF,PAL or NTSC video modes are selected or the middle 128 pixels if the QCIF video mode is selected. The final byte is
FFH.
Note: in 5-wire mode, the embedded control data is calculated as detailed above and output as the most significant 8-bits. The
least significant 2-bits are padded with zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com