Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-USB/CIF-R01 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STV-USB/CIF-R01
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-USB/CIF-R01 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STV-USB/CIF-R01 Datasheet HTML 81Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 82Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 83Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 84Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 85Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 86Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 87Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 88Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
85/105
cd5410-6410f-3-0.fm
9.7
Serial Interface Timing
Parameter
Symbol
Min.
Max.
Unit
SCL clock frequency
fscl
0
100
kHz
Bus free time between a
stop and a start
tbuf
2
-
us
Hold time for a repeated
start
thd;sta
80
-
ns
LOW period of SCL
tlow
320
-
ns
HIGH period of SCL
thigh
160
-
ns
Set-up time for a repeated
start
tsu;sta
80
-
ns
Data hold time
thd;dat
0
-
ns
Data Set-up time
tsu;dat
0
-
ns
Rise time of SCL, SDA
tr
-
300
ns
Fall time of SCL, SDA
tf
-
300
ns
Set-up time for a
stop
tsu;sto
80
-
ns
Capacitive load of each bus line (SCL,
SDA)
Cb
-
200
pF
Table 58 : Serial Interface Timing Characteristics
SDA
SCL
thd;sta
tr
thigh
tf
tsu;dat
thd;dat
tsu;sta
tsu;sto
...
...
thd;sta
tlow
tbuf
stop
start
stop
start
Figure 45 : Serial Interface Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com