Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-USB/CIF-R01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV-USB/CIF-R01
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-USB/CIF-R01 Datasheet(HTML) 2 Page - STMicroelectronics

  STV-USB/CIF-R01 Datasheet HTML 1Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 2Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 3Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 4Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 5Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 6Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 7Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 8Page - STMicroelectronics STV-USB/CIF-R01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
VV5410 & VV6410
cd5410-6410f-3-0.fm
Commercial in confidence
2/105
Table of Contents
1.
Document Revision History ............................................................................................ 4
2.
Introduction ...................................................................................................................... 5
2.1
Overview ........................................................................................................................................ 5
2.2
Exposure Control............................................................................................................................ 5
2.3
Digital Interface .............................................................................................................................. 5
2.4
Other Features ............................................................................................................................... 7
3.
Operating Modes .............................................................................................................. 9
3.1
Video Timing .................................................................................................................................. 9
3.2
Pixel Array .................................................................................................................................... 10
3.3
X-offset and Y-offset..................................................................................................................... 11
3.4
QCIF Output Modes ..................................................................................................................... 16
4.
Black Offset Cancellation .............................................................................................. 18
5.
Dark Offset Cancellation................................................................................................ 20
6.
Exposure Control ........................................................................................................... 21
7.
Timed Serial Interface Parameters ............................................................................... 24
8.
Digital Video Interface Format ...................................................................................... 27
8.1
General description ...................................................................................................................... 27
8.2
Embedded control data ................................................................................................................ 28
8.3
Video timing reference and status/configuration data .................................................................. 31
8.4
Detection of sensor using data bus state .....................................................................................48
8.5
Resetting the Sensor Via the Serial Interface .............................................................................. 48
8.6
Resetting the Sensor Via the RESETB pin .................................................................................. 48
8.7
Resynchronising the Sensor Via the RESETB pin configured as SINB ....................................... 48
8.8
Power-up, Low-power and Sleep modes ..................................................................................... 50
8.9
Suspend mode ............................................................................................................................. 52
8.10 Data Qualification Clock, QCK ..................................................................................................... 52
9.
Serial Control Bus .......................................................................................................... 60
9.1
General Description...................................................................................................................... 60
9.2
Serial Communication Protocol .................................................................................................... 60
9.3
Data Format ................................................................................................................................. 60
9.4
Message Interpretation................................................................................................................. 61
9.5
The Programmers Model.............................................................................................................. 61
9.6
Types of messages ...................................................................................................................... 82
9.6
Types of messages ...................................................................................................................... 82
9.7
Serial Interface Timing ................................................................................................................. 85
10.
Clock Signal.................................................................................................................... 86
11.
Other Features................................................................................................................ 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com