Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS31 Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HD26LS31
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD26LS31 Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HD26LS31 Datasheet HTML 7Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 8Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 9Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 10Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 11Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 12Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 13Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 14Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 15Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HD26LS31
13
5
2
1.0
0.5
0.2
0.1
0.05
10
20
50
100 200
500 1 k
2 k
5 k 10 k 20 k
50 k
Termination Resistance RT (Ω)
VOL (Y)
VOH (Z)
VCC = 5 V
Ta = 25
°C
Z
"L"
VOL
GND
RT
VOH
Y
RT
VCC
Figure 10 Termination Resistance vs. Output Voltage Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com