Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS31 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD26LS31
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD26LS31 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD26LS31 Datasheet HTML 1Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 2Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 3Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 4Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 5Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 6Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 7Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 8Page - Hitachi Semiconductor HD26LS31 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HD26LS31
2
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
1A
GND
1Y
1Z
2Z
8
Enable G
2Y
2A
13
14
15
10
11
12
9
16 VCC
4A
4Y
4Z
Enable G
3Z
3Y
3A
Function Table
Input
Enables
Outputs
AG
G
YZ
HH
X
H
L
L
H
XLH
HX
L
H
L
LX
L
L
H
X
L
HZZ
H :
High level
L
:
Low level
X :
Irrelevant
Z
:
High impedance (Off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com