Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP0349P Datasheet(PDF) 13 Page - Microchip Technology

Part # ICP0349P
Description  2.7-3.5GHz 70W GaN PA MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP0349P Datasheet(HTML) 13 Page - Microchip Technology

Back Button ICP0349P Datasheet HTML 8Page - Microchip Technology ICP0349P Datasheet HTML 9Page - Microchip Technology ICP0349P Datasheet HTML 10Page - Microchip Technology ICP0349P Datasheet HTML 11Page - Microchip Technology ICP0349P Datasheet HTML 12Page - Microchip Technology ICP0349P Datasheet HTML 13Page - Microchip Technology ICP0349P Datasheet HTML 14Page - Microchip Technology ICP0349P Datasheet HTML 15Page - Microchip Technology ICP0349P Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2.7-3.5GHz 70W GaN PA MMIC
ICP0349P
Datasheet Rev B
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 13
Evaluation Board
Value
Details
Qty
Manufacturer Part No.
J1, J2
n/a
HLT End Launch connector
2
CPSM-KF-01A
J3. J4
n/a
Amphenol BNC Panel Jack
2
112639
J5, J6
n/a
9way Dsub connector
2
Various
C1, C2
10uF
10uF Capacitor 1206
2
Various
C31 - C34
10uF
10uF Capacitor 0603
4
Various
C3, C6, C11, C15,
C19, C23, C27, C30
1uF
1uF Capacitor 0402, X8R, 50V
10
Various
C4, C7, C10, C14,C18,
C22, C26, C29
1nF
1nF Capacitor 0402, C0G, 50V
8
Various
C35 - C38
100pF
100pF Capacitor 0402, C0G, 50V
4
Various
C5, C8, C9, C13, C17,
C21, C25, C28
4.7pF
4.7pF Capacitor 0402, C0G, 50V
8
Various
L1 - L4
5.6nH
5.6nH Inductor 0402
4
Various
R7 - R10
10ohm
10ohm Resistor 0402
4
Various
R20, R22, R24, R26
0ohm
0ohm Resistor 0402 (link)
6
Various
R1, R2, R3, R4, R5, R6
0ohm
0ohm Resistor 2010 (link)
6
Various
Evaluation board construction:
Board Size: 56mm X 75mm
PCB Material: RO4350 thickness 10mil
Recommended Copper Weight of 1oz
Via size 0.24mm plated to >50um thickness
Vias below the package must be Cu filled
Baseplate: Solid copper 56mm X 75mm x 9.9mm
Thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com