Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL485 Datasheet(PDF) 3 Page - Microchip Technology

Part # PL485
Description  Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL485 Datasheet(HTML) 3 Page - Microchip Technology

  PL485 Datasheet HTML 1Page - Microchip Technology PL485 Datasheet HTML 2Page - Microchip Technology PL485 Datasheet HTML 3Page - Microchip Technology PL485 Datasheet HTML 4Page - Microchip Technology PL485 Datasheet HTML 5Page - Microchip Technology PL485 Datasheet HTML 6Page - Microchip Technology PL485 Datasheet HTML 7Page - Microchip Technology PL485 Datasheet HTML 8Page - Microchip Technology PL485 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1.
Features
• Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
• Complies with FCC, CENELEC, ARIB and K.60 regulations
• Embedded NB-PLC modem:
– PLC front-end integrated, including PGA and digital transmission level control
– High performance, programmable engine dedicated to PLC PHY and MAC real-time tasks with dedicated
SRAM memory
– Cryptographic engine supporting AES 128, 192, 256
– Modem secure boot implemented, comprising PLC binary authentication (AES-128 CMAC) and decryption
(AES-128 CBC)
• Fully programmable, standard ARM
® 32-bit Cortex®-M4 core running the upper protocol layers and user
application:
– ARM Cortex-M4 with up to 16 Kbytes SRAM on I/D bus providing 0 wait state execution at up to 100 MHz(1)
– Memory Protection Unit (MPU)
– DSP Instructions
– Floating Point Unit (FPU)
– Thumb
®-2 instruction set
• Memories:
– Up to 512 Kbytes embedded Flash
– Up to 176 Kbytes embedded SRAM
– 8 Kbytes ROM with embedded boot loader, single-cycle access at full speed
• System:
– Embedded voltage regulator for single-supply operation
– Power-on reset (POR) and Watchdog for safe operation
– Quartz or ceramic resonator oscillators: 3 to 20 MHz with clock failure detection and 32.768 kHz for RTT or
system clock
– High-precision 8/16/24 MHz factory-trimmed internal RC oscillator. In-application trimming access for
frequency adjustment
– Slow clock internal RC oscillator as permanent low-power mode device clock
– PLL range from 48 MHz to 100 MHz for device clock
– PLL range from 24 MHz to 48 MHz for USB device and USB OHCI
– Up to 30 peripheral DMA (PDC) channels
– 256-bit General-Purpose Backup Registers (GPBR)
– 15 external interrupt lines
• Peripherals(2):
– 8 flexible communication units supporting:
• USART
• SPI
• Two-wire Interface (TWI) featuring TWI masters and high-speed TWI slaves
– Crystal-less USB 2.0 Device and USB Host OHCI with On-chip Transceiver
– 2 Inter-IC Sound Controllers (I2S)
– 1 Pulse Density Modulation Interface (PDMIC) (supports up to two microphones)
– 2 three-channel 16-bit Timer/Counters (TC) with capture, waveform, compare and PWM modes
– 1 48-bit Real-Time Timer (RTT) with 16-bit prescaler and 32-bit counter
– 1 RTC with calendar and alarm features
– 1 32-bit Cyclic Redundancy Check Calculation Unit (CRCCU)
Features
© 2020 Microchip Technology Inc.
Datasheet
60001600B-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com