Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL485 Datasheet(PDF) 4 Page - Microchip Technology

Part # PL485
Description  Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL485 Datasheet(HTML) 4 Page - Microchip Technology

  PL485 Datasheet HTML 1Page - Microchip Technology PL485 Datasheet HTML 2Page - Microchip Technology PL485 Datasheet HTML 3Page - Microchip Technology PL485 Datasheet HTML 4Page - Microchip Technology PL485 Datasheet HTML 5Page - Microchip Technology PL485 Datasheet HTML 6Page - Microchip Technology PL485 Datasheet HTML 7Page - Microchip Technology PL485 Datasheet HTML 8Page - Microchip Technology PL485 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
• I/O(2):
– Up to 48 I/O lines with external interrupt capability (edge or level), debouncing, glitch filtering and on-die
series resistor termination. Individually programmable open-drain, pull-up and pull-down resistor and
synchronous output
– Two PIO Controllers provide control of up to 48 I/O lines
• Analog:
– One 8-channel ADC, resolution up to 12 bits, sampling rate up to 500 ksps
• Package: available in TFBGA-121
• Temperature Range: Industrial (-40ºC to +85ºC)
Note: 
1.
100 MHz with VDDCOREXT100 or with VDDCORE trimmed by regulator.
2.
Communication between SAMG55 and PL360 blocks requires some peripherals and GPIOs which will not be
available for other uses. Please, refer to section 5.3 Recommended SAMG55-PL360 Connection for more
information about connection between SAMG55 and PL360 blocks.
Features
© 2020 Microchip Technology Inc.
Datasheet
60001600B-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com