Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL360 Datasheet(PDF) 8 Page - Microchip Technology

Part # PL360
Description  Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL360 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PL360 Datasheet HTML 4Page - Microchip Technology PL360 Datasheet HTML 5Page - Microchip Technology PL360 Datasheet HTML 6Page - Microchip Technology PL360 Datasheet HTML 7Page - Microchip Technology PL360 Datasheet HTML 8Page - Microchip Technology PL360 Datasheet HTML 9Page - Microchip Technology PL360 Datasheet HTML 10Page - Microchip Technology PL360 Datasheet HTML 11Page - Microchip Technology PL360 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
5.
Package and Ballout
5.1
Packages
The PL485 is available in the packages listed in the following table:
Table 5-1. PL485 Packages
Package Name
Ball Count
Ball Pitch
Package Size
TFBGA121
121
0.80 mm
10 x 10 mm2
5.2
Ballout
Table 5-2. PL485 Ballout
A1
GND
C3
GND
E5
PL_PA0
G7
PA30
J9
PA14
A2
PL_VZC
C4
GND
E6
PL_PA3
G8
PB10
J10
PA13
A3
PL_PA1
C5
GND
E7
PL_PA8/MOSI
G9
PA9
J11
PA12
A4
VDDIO
C6
AGND
E8
PL_PA9/MISO
G10
PB5
K1
PA1
A5
VDDIN_AN
C7
GND
E9
VDDIO
G11
PB8/XOUT
K2
PA5
A6
PL_VREFC
C8
GND
E10
VDDIO
H1
PA0
K3
PA8
A7
PL_VIN
C9
GND
E11
VDDIO
H2
PA2
K4
PA16
A8
AGND
C10
PL_EMIT3
F1
PA31
H3
MCU_NRST
K5
VDDIO
A9
PL_TXRX0
C11
PL_EMIT2
F2
PB15
H4
MCU_TST
K6
PA22
A10
PL_TXRX1
D1
PL_VDDCORE
F3
PA25
H5
VDDIO
K7
ADVREF
A11
GND
D2
PL_PA4/SWDIO
F4
PB13
H6
GND
K8
PA18
B1
PL_XOUT
D3
PL_PA2/TRACESWO
F5
PA24
H7
GND
K9
PA20
B2
PL_XIN
D4
PL_NRST
F6
PA26
H8
PA19
K10
PB0
B3
GND
D5
GND
F7
PA28
H9
PB11
K11
PB3
B4
VDDIO
D6
GND
F8
PA27
H10
PA11
L1
GND
B5
AGND
D7
GND
F9
PB7
H11
PA10
L2
MCU_VDDCORE
B6
PL_VREFN
D8
GND
F10
PB6
J1
PA4
L3
PA6
B7
PL_VREFP
D9
VDDIO
F11
PB9/XIN
J2
PA3
L4
PA15
B8
VDDIN_AN
D10
PL_EMIT1
G1
PB14
J3
PA7
L5
PA23
B9
PL_AGC
D11
PL_EMIT0
G2
PB4
J4
PB12
L6
PA21
B10
VDDIO
E1
VDDIN
G3
JTAGSEL
J5
VDDIO
L7
VDDOUT
B11
PL_VDDCORE
E2
PL_PA5/SWCLK
G4
PL_PA7/SPCK
J6
GND
L8
PB1
C1
VDDPLL
E3
PL_TST
G5
PA29
J7
VDDUSB
L9
PB2
C2
VDDPLL
E4
PL_LDO_ENABLE
G6
PL_PA6/NPCS0
J8
PA17
L10
MCU_VDDCORE
L11
GND
Package and Ballout
© 2020 Microchip Technology Inc.
Datasheet
60001600B-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com