Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL360 Datasheet (PDF) - Microchip Technology

PL360 Datasheet PDF - Microchip Technology
Part # PL360
Download  PL360 Download
File Size   742.6 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip

PL360 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL360 Datasheet PDF - Microchip Technology

Part # PL360
Download  PL360 Click to download

File Size   742.6 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip

PL360 Datasheet (HTML) - Microchip Technology


PL360 Product details

Features
• Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
• Complies with FCC, CENELEC, ARIB and K.60 regulations
• Embedded NB-PLC modem:
– PLC front-end integrated, including PGA and digital transmission level control
– High performance, programmable engine dedicated to PLC PHY and MAC real-time tasks with dedicated
SRAM memory
– Cryptographic engine supporting AES 128, 192, 256
– Modem secure boot implemented, comprising PLC binary authentication (AES-128 CMAC) and decryption
(AES-128 CBC)
• Fully programmable, standard ARM® 32-bit Cortex®-M4 core running the upper protocol layers and user
application:
– ARM Cortex-M4 with up to 16 Kbytes SRAM on I/D bus providing 0 wait state execution at up to 100 MHz(1)
– Memory Protection Unit (MPU)
– DSP Instructions
– Floating Point Unit (FPU)
– Thumb®-2 instruction set
• Memories:
– Up to 512 Kbytes embedded Flash
– Up to 176 Kbytes embedded SRAM
– 8 Kbytes ROM with embedded boot loader, single-cycle access at full speed
• System:
– Embedded voltage regulator for single-supply operation
– Power-on reset (POR) and Watchdog for safe operation
– Quartz or ceramic resonator oscillators: 3 to 20 MHz with clock failure detection and 32.768 kHz for RTT or
system clock
– High-precision 8/16/24 MHz factory-trimmed internal RC oscillator. In-application trimming access for
frequency adjustment
– Slow clock internal RC oscillator as permanent low-power mode device clock
– PLL range from 48 MHz to 100 MHz for device clock
– PLL range from 24 MHz to 48 MHz for USB device and USB OHCI
– Up to 30 peripheral DMA (PDC) channels
– 256-bit General-Purpose Backup Registers (GPBR)
– 15 external interrupt lines
• Peripherals(2):
– 8 flexible communication units supporting:
• USART
• SPI
• Two-wire Interface (TWI) featuring TWI masters and high-speed TWI slaves
– Crystal-less USB 2.0 Device and USB Host OHCI with On-chip Transceiver
– 2 Inter-IC Sound Controllers (I2S)
– 1 Pulse Density Modulation Interface (PDMIC) (supports up to two microphones)
– 2 three-channel 16-bit Timer/Counters (TC) with capture, waveform, compare and PWM modes
– 1 48-bit Real-Time Timer (RTT) with 16-bit prescaler and 32-bit counter
– 1 RTC with calendar and alarm features
– 1 32-bit Cyclic Redundancy Check Calculation Unit (CRCCU)
• I/O(2):
– Up to 48 I/O lines with external interrupt capability (edge or level), debouncing, glitch filtering and on-die
series resistor termination. Individually programmable open-drain, pull-up and pull-down resistor and
synchronous output
– Two PIO Controllers provide control of up to 48 I/O lines
• Analog:
– One 8-channel ADC, resolution up to 12 bits, sampling rate up to 500 ksps
• Package: available in TFBGA-121
• Temperature Range: Industrial (-40ºC to +85ºC)
Note:
1. 100 MHz with VDDCOREXT100 or with VDDCORE trimmed by regulator.
2. Communication between SAMG55 and PL360 blocks requires some peripherals and GPIOs which will not be
available for other uses. Please, refer to section 5.3 Recommended SAMG55-PL360 Connection for more
information about connection between SAMG55 and PL360 blocks.

Applications
• IoT and Industrial: Smart Lighting, Fire and alarm systems, Solar, Home Automation
• Internet of Energy: Advanced Metering Infrastructure, Smart Grid, Home/Building Energy Management Systems
(HEMS/BEMS), Heating, Ventilation and Air Conditioning (HVAC)




Similar Part No. - PL360

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PL36 NXP-PL36 Datasheet
1Mb / 34P
OUTPUT PENTODE FOR USE AS LINE OUTPUT TUBE
3.3.1958
PL36 NXP-PL36 Datasheet
272Kb / 8P
LINE OUTPUT PENTODE
January 1969
logo
Zibo Seno Electronic En...
PL36C ZSELEC-PL36C Datasheet
1Mb / 14P
ZENER DIODES
logo
STMicroelectronics
PL36Z STMICROELECTRONICS-PL36Z Datasheet
199Kb / 3P
ZENDER DIODES DIODES ZENDER
logo
NXP Semiconductors
PL36 NXP-PL36_1 Datasheet
272Kb / 8P
LINE OUTPUT PENTODE
January 1969
More results


Similar Description - PL360

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1571 INTERSIL-ISL1571 Datasheet
37Kb / 2P
Power Line Communication PLC
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
Power Line Communication PLC
logo
Analog Devices
ADE8157 AD-ADE8157 Datasheet
63Kb / 2P
Narrow-Band Power Line
Rev. SpB
logo
STMicroelectronics
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
AN4068 STMICROELECTRONICS-AN4068 Datasheet
5Mb / 63P
ST7580 power line communication system-on-chip design guide
04-Jul-2012
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
logo
Renesas Technology Corp
ISL1572 RENESAS-ISL1572 Datasheet
181Kb / 2P
Power Line Communication (PLC)
logo
STMicroelectronics
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
Programmable power line communication modem System on Chip
19-Jun-2018
logo
Renesas Technology Corp
ISL1571 RENESAS-ISL1571 Datasheet
624Kb / 14P
Power Line Communication (PLC)
Nov.7.19
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com