Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150AMAE Datasheet(PDF) 69 Page - Pericom Semiconductor Corporation

Part # PI7C8150AMAE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AMAE Datasheet(HTML) 69 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AMAE Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 73Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 69 of 111
APRIL 2006 – Revision 1.1
PI7C8150A can start the transaction on the next PCI clock cycle by asserting P_FRAME_L
if P_GNT_L is still asserted.
If the internal secondary bus arbiter is enabled, the secondary bus is always parked at the
last master that used the PCI bus. That is, PI7C8150A keeps the secondary bus grant
asserted to a particular master until a new secondary bus request comes along. After reset,
PI7C8150A parks the secondary bus at itself until transactions start occurring on the
secondary bus. Offset 48h, bit 1, can be set to 1 to park the secondary bus at PI7C8150A.
By default, offset 48h, bit 1, is set to 0. If the internal arbiter is disabled, PI7C8150A parks
the secondary bus only when the reconfigured grant signal, S_REQ_L[0], is asserted and
the secondary bus is idle.
9
CLOCKS
This chapter provides information about the clocks.
9.1
PRIMARY CLOCK INPUTS
PI7C8150A implements a primary clock input for the PCI interface. The primary interface
is synchronized to the primary clock input, P_CLK, and the secondary interface is
synchronized to the secondary clock. The secondary clock is derived internally from the
primary clock, P_CLK. PI7C8150A operates at a maximum frequency of 66 MHz
(33MHz for PI7C8150A-33).
9.2
SECONDARY CLOCK OUTPUTS
PI7C8150A has 10 secondary clock outputs, S_CLKOUT[9:0] that can be used as clock
inputs for up to nine external secondary bus devices. The S_CLKOUT[9:0] outputs are
derived from P_CLK. The secondary clock edges are delayed from P_CLK edges by a
minimum of 0ns. This is the rule for using secondary clocks:
Each secondary clock output is limited to no more than one load.
10
GENERAL PURPOSE I/O INTERFACE
The PI7C8150A implements a 4-pin general purpose I/O interface. During normal
operation, device specific configuration registers control the GPIO interface. The GPIO
interface can be used for the following functions:
During secondary interface reset, the GPIO interface can be used to shift in a 16-bit
serial stream that serves as a secondary bus clock disable mask.
Along with the GPIO[3] pin, a live insertion bit can be used to bring the PI7C8150A to
a halt through hardware, permitting live insertion of option cards behind the
PI7C8150A.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com