Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150AMAE Datasheet(PDF) 71 Page - Pericom Semiconductor Corporation

Part # PI7C8150AMAE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AMAE Datasheet(HTML) 71 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AMAE Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 75Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 71 of 111
APRIL 2006 – Revision 1.1
An external shift register should be used to load and shift the data. The GPIO pins are used
for shift register control and serial data input. Table 10-1 shows the operation of the GPIO
pins.
Table 10-1. GPIO Operation
GPIO Pin
Operation
GPIO[0]
Shift register clock output at 33MHz max frequency
GPIO[1]
Not used
GPIO[2]
Shift register control
0: Load
1: Shift
GPIO[3]
Not used
The data is input through the dedicated input signal, MSK_IN.
The shift register circuitry is not necessary for correct operation of PI7C8150A. The shift
register can be eliminated, and MSK_IN can be tied LOW to enable all secondary clock
outputs or tied HIGH to force all secondary clock outputs HIGH. Table 10-2 shows the
format of the serial stream.
Table 10-2. GPIO Serial Data Format
Bit
Description
S_CLKOUT
[1:0]
Slot 0 PRSNT#[1:0] or device 0
0
[3:2]
Slot 1 PRSNT#[1:0] or device 1
1
[5:4]
Slot 2 PRSNT#[1:0] or device 2
2
[7:6]
Slot 3 PRSNT#[1:0] or device 3
3
[8]
Device 4
4
[9]
Device 5
5
[10]
Device 6
6
[11]
Device 7
7
[12]
Device 8
8
[13]
PI7C8150A S_CLKIN
9
[14]
Reserved
NA
[15]
Reserved
NA
The first 8 bits contain the PRSNT#[1:0] signal values for four slots, and these bits control
the S_CLKOUT[3:0] outputs. If one or both of the PRSNT#[1:0] signals are 0, that
indicates that a card is present in the slot and therefore the secondary clock for that slot is
not masked. If these clocks are connected to devices and not to slots, one or both of the bits
should be tied low to enable the clock.
The next 5 bits are the clock mask for devices; each bit enables or disables the clock for
one device. These bits control the S_CLKOUT[8:4] outputs: 0 enables the clock, and 1
disables the clock.
Bit 13 is the clock enable bit for S_CLKOUT[9], which is connected to PI7C8150A’s
S_CLKIN input.
If desired, the assignment of S_CLKOUT outputs to slots, devices, and PI7C8150A’s
S_CLKIN input can be rearranged from the assignment shown here. However, it is
important that the serial data stream format match the assignment of S_CLKOUT.
The 8 least significant bits are connected to the PRSNT# pins for the slots. The next 5 bits
are tied high to disable their respective secondary clocks because those clocks are not
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com