Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150ANDE Datasheet(PDF) 39 Page - Pericom Semiconductor Corporation

Part # PI7C8150ANDE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE Datasheet(HTML) 39 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 43Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 39 of 111
APRIL 2006 – Revision 1.1
Target Termination
Response
Target Abort
Return target abort to initiator. Set received target abort bit in the target
interface status register. Set signaled target abort bit in the initiator interface
status register.
After PI7C8150A makes 2
24(default) attempts of the same delayed read transaction on the
target bus, PI7C8150A asserts P_SERR_L if the primary SERR_L enable bit is set (bit 8 of
command register for secondary bus) and the delayed-write-non-delivery bit is not set. The
delayed-write-non-delivery bit is bit 5 of P_SERR_L event disable register (offset 64h).
PI7C8150A will report system error. See Section 6.4 for a description of system error
conditions.
3.8.4
TARGET TERMINATION INITIATED BY PI7C8150A
PI7C8150A can return a target retry, target disconnect, or target abort to an initiator for
reasons other than detection of that condition at the target interface.
3.8.4.1
TARGET RETRY
PI7C8150A returns a target retry to the initiator when it cannot accept write data or return
read data as a result of internal conditions. PI7C8150A returns a target retry to an initiator
when any of the following conditions is met:
For delayed write transactions:
The transaction is being entered into the delayed transaction queue.
Transaction has already been entered into delayed transaction queue, but target
response has not yet been received.
Target response has been received but has not progressed to the head of the return
queue.
The delayed transaction queue is full, and the transaction cannot be queued.
A transaction with the same address and command has been queued.
A locked sequence is being propagated across PI7C8150A, and the write transaction is
not a locked transaction.
The target bus is locked and the write transaction is a locked transaction.
Use more than 16 clocks to accept this transaction.
For delayed read transactions:
The transaction is being entered into the delayed transaction queue.
The read request has already been queued, but read data is not yet available.
Data has been read from target, but it is not yet at head of the read data queue or a
posted write transaction precedes it.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com