Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150ANDE Datasheet(PDF) 41 Page - Pericom Semiconductor Corporation

Part # PI7C8150ANDE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE Datasheet(HTML) 41 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 43Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 44Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 45Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 41 of 111
APRIL 2006 – Revision 1.1
When PI7C8150A returns a target abort to the initiator, it sets the signaled target abort
bit in the status register corresponding to the initiator interface.
4
ADDRESS DECODING
PI7C8150A uses three address ranges that control I/O and memory transaction forwarding.
These address ranges are defined by base and limit address registers in the configuration
space. This chapter describes these address ranges, as well as ISA-mode and VGA
addressing support.
4.1
ADDRESS RANGES
PI7C8150A uses the following address ranges that determine which I/O and memory
transactions are forwarded from the primary PCI bus to the secondary PCI bus, and from
the secondary bus to the primary bus:
Two 32-bit I/O address ranges
Two 32-bit memory-mapped I/O (non-prefetchable memory) ranges
Two 32-bit prefetchable memory address ranges
Transactions falling within these ranges are forwarded downstream from the primary PCI
bus to the secondary PCI bus. Transactions falling outside these ranges are forwarded
upstream from the secondary PCI bus to the primary PCI bus.
No address translation is required in PI7C8150A. The addresses that are not marked for
downstream are always forwarded upstream.
4.2
I/O ADDRESS DECODING
PI7C8150A uses the following mechanisms that are defined in the configuration space to
specify the I/O address space for downstream and upstream forwarding:
I/O base and limit address registers
The ISA enable bit
The VGA mode bit
The VGA snoop bit
This section provides information on the I/O address registers and ISA mode. Section 4.4
provides information on the VGA modes.
To enable downstream forwarding of I/O transactions, the I/O enable bit must be set in the
command register in configuration space. All I/O transactions initiated on the primary bus
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com