Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79M574JC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AM79M574JC
Description  Metering Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM79M574JC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AM79M574JC Datasheet HTML 1Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Am79M574 Data Sheet
ORDERING INFORMATION
Standard Products
Legerity standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the elements below.
Am79M574
TEMPERATURE RANGE
PACKAGE TYPE
DEVICE NAME/DESCRIPTION
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local Legerity sales office to confirm availabil-
ity of specific valid combinations, to check on
newly released combinations, and to obtain addi-
tional data on Legerity’s standard military grade
products.
JC
Am79M574
Subscriber Line Interface Circuit
J
= 32-Pin Plastic Leaded Chip Carrier (PL 032)
C = Commercial (0
°C to 70°C)*
PERFORMANCE GRADE
Blank = Standard Specification
–1 = Performance Grading
–2 = Performance Grading
Note:
* Functionality of the device from 0
°C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C is
guaranteed by characterization and periodic sampling of production units.
Valid Combinations
Am79M574
–1
–2
JC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com