Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79M574JC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AM79M574JC
Description  Metering Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM79M574JC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AM79M574JC Datasheet HTML 1Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Am79M574 Data Sheet
PIN DESCRIPTIONS
Pin Names
Type
Description
AGND
Gnd
Analog (quiet) ground
A(TIP)
Output
Output of A(TIP) power amplifier
BGND
Gnd
Battery (power) ground
B(RING)
Output
Output of B(RING) power amplifier
C3–C1
Input
Decoder. TTL compatible. C3 is MSB and C1 is LSB.
C4
Input
Test relay driver command. TTL compatible. A logic Low enables the driver.
CHCLK
Input
Chopper clock. Input to switching regulator (TTL compatible). Frequency = 256 kHz (Nominal).
CHS
Input
Chopper Stabilization. Connection for external stabilization components.
DA
Input
Ring-trip negative. Negative input to ring-trip comparator.
DB
Input
Ring-trip positive. Positive input to ring-trip comparator.
DET
Output
Detector. When enabled, a logic Low indicates that the selected detector is tripped. Logic inputs
C3–C1, E1, and E0 select the detector. Open-collector with a built-in 15 k
Ω pull-up resistor.
DGND
Gnd
Digital ground
E0
Input
Read Enable. A logic High enables DET. A logic Low disables DET.
E1
Input
Ground enable. When E0 is High, E1 = High connects the ground-key detector to DET, and
E1 = Low connects the off-hook or ring-trip detector to DET.
HPA
Capacitor
High-pass filter capacitor. A(TIP) side of high-pass filter capacitor.
HPB
Capacitor
High-pass filter capacitor. B(RING) side of high-pass filter capacitor.
L
Output
Switching Regulator Power Transistor. Connection point for filter inductor and anode of catch
diode. Has up to 60 V of pulse waveform and must be isolated from sensitive circuits. Keep the
diode connections short because of the high currents and high di/dt.
QBAT
Battery
Quiet Battery. Filtered battery supply for the signal processing circuits.
RD
Resistor
Detector resistor. Threshold modification and filter point for the off-hook detector.
RDC
Resistor
DC feed resistor. Connection point for the DC feed resistance programming network, which
also connects to the Receiver Summing Node (RSN). VRDC is negative for normal polarity and
positive for reverse polarity.
RINGOUT
Output
Ring relay driver. Sourcing from BGND with internal diode to QBAT.
RSN
Input
Receive Summing Node. The metallic current (AC and DC) between A(TIP) and B(RING) =
1000 x the current into this pin. The networks that program receive gain, two-wire
impedance, and feed resistance all connect to this node. This node is extremely sensitive.
Route the 256 kHz chopper clock and switch lines away from the RSN node.
TESTOUT
Output
Test relay driver. Sourcing from BGND with internal diode to QBAT.
TP
Thermal
Thermal pin. Connection for heat dissipation. Internally connected to substrate (QBAT). Leave
as open circuit or connected to QBAT. In both cases, the TP pins can connect to an area of
copper on the board to enhance heat dissipation.
VBAT
Battery
Battery supply. Connected to office battery supply through an external protection diode.
VCC
Power
+5 V power supply
VEE
Power
–5 V power supply
VREG
Input
Regulated Voltage. Provides negative power supply for power amplifiers, connection point for
inductor, filter capacitor, and chopper stabilization.
VTX
Output
Transmit Audio.This output is 0.510 times the A(TIP) and B(RING) metallic voltage. The other
end of the two-wire input impedance programming network connects here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com