Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2CAN Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PESD2CAN
Description  CAN bus ESD protection diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2CAN Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PESD2CAN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
PESD2CAN
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 27 September 2012
5 of 13
Nexperia
PESD2CAN
CAN bus ESD protection diode
f=1MHz
(1) Tamb = 150 C
(2) Tamb = 125 C
(3) Tamb =85 C
(4) Tamb =25 C
(5) Tamb = 40 C
(1) Tamb = 55 C
(2) Tamb =25 C
(3) Tamb = 150 C
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Reverse current as a function of reverse
voltage; typical values
Tamb = 150 C
IR is less than 1 nA at 55 C and 25 C.
Fig 7.
Reverse voltage as a function of reverse
leakage current; typical values
Fig 8.
V-I characteristics for a bidirectional ESD
protection diode
006aaa938
VR (V)
024
16
8
18
22
14
26
30
Cd
(pF)
10
(1)
(2)
(3)
(4)
(5)
VR (V)
24
34
32
28
30
26
006aaa939
20
30
10
40
50
IR
(mA)
0
(1)
(2)
(3)
006aaa940
IRM (nA)
030
20
10
10
15
5
20
25
VR
(V)
0
006aaa676
−VCL −VBR −VRWM
VCL
VBR
VRWM
−IRM
IRM
−IR
IR
−IPP
IPP
−
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com