Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2CAN Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PESD2CAN
Description  CAN bus ESD protection diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2CAN Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PESD2CAN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2CAN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
PESD2CAN
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 27 September 2012
2 of 13
Nexperia
PESD2CAN
CAN bus ESD protection diode
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code.
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
s exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1 to 3 or 2 to 3.
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1 to 3 or 2 to 3.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PESD2CAN
-
plastic surface-mounted package; 3 leads
SOT23
Table 4.
Marking codes
Type number
Marking code[1]
PESD2CAN
6R*
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
PPP
peak pulse power
tp =8/20 s
[1][2] -230
W
IPP
peak pulse current
tp =8/20 s
[1][2] -5
A
Per device
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C
Table 6.
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2] -30
kV
machine model
[2] -
400
V
MIL-STD-883 (human
body model)
[1][2] -16
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com