Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78F9136GS Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # UPD78F9136GS
Description  MOS INTEGRATED CIRCUITS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F9136GS Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button UPD78F9136GS Datasheet HTML 29Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 30Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 31Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 32Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 33Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 34Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 35Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 36Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Preliminary Product Information
31
PD78F9136
A/D CONVERTER CHARACTERISTICS (TA = -40 to +85
C, VDD = 1.8 to 5.5 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
10
10
10
bit
Total error
Note
4.5 V
 VDD  5.5 V
0.2
0.4
%
2.7 V
 VDD  4.5 V
0.4
0.7
1.8 V
 VDD  2.7 V
Undefined Undefined
Conversion time
tCONV
4.5 V
 VDD  5.5 V
Undefined
Undefined
s
2.7 V
 VDD  4.5 V
Undefined
Undefined
1.8 V
 VDD  2.7 V
Undefined
Undefined
Analog input
voltage
VIAN
AVSS
AVDD
V
Note No quantization error (
1/2 LSB) is included.
DATA MEMORY STOP MODE LOW SUPPLY VOLTAGE DATA HOLD CHARACTERISTICS
(TA = -40 to +85
C)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data hold supply
voltage
VDDDR
1.8
5.5
V
Rrelease signal set
time
tSREL
0
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com