Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78F9136GS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD78F9136GS
Description  MOS INTEGRATED CIRCUITS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F9136GS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD78F9136GS Datasheet HTML 9Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 10Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 11Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 12Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 13Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 14Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 15Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 16Page - Renesas Technology Corp UPD78F9136GS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Preliminary Product Information
11
PD78F9136
4.2
Non-Port Pins
Pin name
I/O
Function
When reset
Also used as
INTP0
Input
Input
P23/CPT20/SS20
INTP1
P24/TO80/TO20
INTP2
P25/TI80
SI20
Input
Serial data input to serial interface
Input
P22/RxD20
SO20
Output
Serial data output from serial interface
Input
P21/TxD20
SCK20
I/O
Serial clock input/output for serial interface
Input
P20/ASCK20
ASCK20
Input
Serial clock input to asynchronous serial interface
Input
P20/SCK20
SS20
Input
Chip select input to serial interface
Input
P23/CPT20/INTP0
RxD20
Input
Serial data input to asynchronous serial interface
Input
P22/SI20
TxD20
Output
Serial data output from asynchronous serial interface
Input
P21/SO20
TI80
Input
External count clock input to 8-bit timer (TM80)
Input
P25/INTP2
TO80
Output
8-bit timer (TM80) output
Input
P24/INTP1/TO20
TO20
Output
16-bit timer (TM20) output
Input
P24/INTP1/TO80
CPT20
Input
Capture edge input
Input
P23/INTP0/SS20
ANI0-ANI3
Input
A/D converter analog input
Input
P60-P63
AVSS
-
A/D converter ground potential
-
-
AVDD
-
A/D converter analog power supply
-
-
CL1
Input
--
CL2
-
--
RESET
Input
System reset input
Input
-
VDD
-
Positive supply voltage
-
-
VSS
-
Ground potential
-
-
VPP
-
Pin for setting flash memory programming mode.
Apply a high voltage to write or verify a program.
In normal operation mode, connect the VPP pin directly to the VSS
pin.
--
External interrupt input for which effective edges
(rising and/or falling edges) can be specified
Connected to resistor (R) or capacitor (C) for main system clock
oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com