Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

104H-TDA0-R01 Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 104H-TDA0-R01
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 104H-TDA0-R01
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

104H-TDA0-R01 Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  104H-TDA0-R01 Datasheet HTML 1Page - ATTEND Technology Inc. 104H-TDA0-R01 Datasheet HTML 2Page - ATTEND Technology Inc. 104H-TDA0-R01 Datasheet HTML 3Page - ATTEND Technology Inc. 104H-TDA0-R01 Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
104H-TDA0-R01
File
104H-TDA0-R01_SPCE_2
Date
2017/10/26
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of 104H-TDA0-R01
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIAL AND FINISH
INSULATOR
Material
Plastic Body : Liquid Crystal Polymer
Slider : Liquid Crystal Polymer
CONTACT
Material
Contact : Phosphor Bronze Alloy
Switch : Phosphor Bronze Alloy
Plating
Contact Area : 10u” Gold Plating
Solder Area : Gold Flash
SHELL OR COVER
Material
Shell : Stainless
Latch : Stainless
Drag Link : Stainless
Spring : Piano Wire
Plating
RATING
Rating Current: 0.5A (Max.)/(1PIN)
Rating Voltage: 100V AC/DC
Operating Temperature: -40℃ to +90℃
Storage Temperature: -40℃ to +90℃
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
Initial: 80 mΩ Max
Solder connectors on PCB and mate them
together, measure by applying closed circuit
current of 10mA maximum at open circuit voltage
of 20mV (max).(JIS C5402 5.4)
Insulation Resistance
Initial:
1000MΩ Min
Apply 500V DC between adjacent contacts, or
contact and ground.
(MIL-STD-202 METHOD 302)


Similar Part No. - 104H-TDA0-R01

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
104H HAMMOND-104H Datasheet
123Kb / 1P
Miniature Audio Epoxy Potted 104 Series
2/7/2021
logo
Illinois Capacitor, Inc...
104HC1102K2CM6 ILLINOISCAPACITOR-104HC1102K2CM6 Datasheet
894Kb / 4P
High AC Voltage - High current
104HC2102K2CM6 ILLINOISCAPACITOR-104HC2102K2CM6 Datasheet
837Kb / 4P
High AC Voltage - High current
104HC3102K2EM8 ILLINOISCAPACITOR-104HC3102K2EM8 Datasheet
1Mb / 4P
High AC Voltage - High current
104HC3102K4TM6 ILLINOISCAPACITOR-104HC3102K4TM6 Datasheet
1Mb / 4P
High AC Voltage - High current
More results

Similar Description - 104H-TDA0-R01

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
112J-TXAR-R01 ATTEND-112J-TXAR-R01 Datasheet
306Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 112J-TXAR-R01.
2013/10/31
115B ATTEND-115B Datasheet
336Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
115Q ATTEND-115Q Datasheet
491Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115Q-BCA0
2021/01/21
126B ATTEND-126B Datasheet
447Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
219 ATTEND-219 Datasheet
370Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 219 SERIES
2023/07/14
DDR ATTEND-DDR Datasheet
388Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com