Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

104H-TDA0-R01 Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 104H-TDA0-R01
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 104H-TDA0-R01
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

104H-TDA0-R01 Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  104H-TDA0-R01 Datasheet HTML 1Page - ATTEND Technology Inc. 104H-TDA0-R01 Datasheet HTML 2Page - ATTEND Technology Inc. 104H-TDA0-R01 Datasheet HTML 3Page - ATTEND Technology Inc. 104H-TDA0-R01 Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
Dielectric Withstanding
Voltage
No breakdown
Mate connectors; apply 500V AC (rms.) between
two adjacent for 1 minute.
(Trip current:1mA)
(MIL-STD-202 METHOD 301)
MECHANICAL
Item
Requirement
Test Condition
Contact Retention
Force
2.5N per pin (Min.)
Place a connector on the push-pull machine, then
apply a force on a contact head and push the
contact to the opposite direction of the contact
insertion at the speed of 25 ± 3mm/min.
(EIA364-29)
Durability
No Damage
Contact Resistance:
100mΩ(Max)
Solder connectors on PCB, then place them on
the pull-push machine, and repeat mating and
un-mating 10,000cycles repeatedly at a rate of
400~600 cycles/hour. (EIA364-09)
Vibration
No electrical
discontinuity more than
0.1μs.
Contact Resistance:
100mΩ(Max)
Mate dummy card and subject to the following
vibration conditions, for a period of 30 minutes in
each of 3 mutually perpendicular axis, passing
DC 1 mA during the test.
Amplitude: 1.52 mm P-P or 19.6 m/s2
Frequency: 10-55-10Hz
Shall be traversed in 1minute.
(MIL-STD-202 METHOD 201)
Shock
No electrical
discontinuity more than
0.1μs.
Contact Resistance:
100mΩ(Max)
Solder connectors on PCB and mate them
together, subject to he following shock
conditions, 3 shocks shall be period along 3
mutually perpendicular axis, passing DC 1mA
current during the test.
1 axis, plus-minus direction, core
3times.(total:18times) 490m/s2
(MIL-STD-202 METHOD 213)
Card Insertion / Eject
Force
9.8N Max
Push the card at the speed rate
25 ± 3mm/minute.
Card Release Force
6N~9N
From the state of the card lock, Pull the card at
the speed rate 25 ± 3mm/minute.
Push in strength
No Damage
The card inserted in positive and the opposite
direction and the load of 30N is added



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com