Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112A-TAAR-R03 Datasheet(PDF) 5 Page - ATTEND Technology Inc.

Part # 112A-TAAR-R03
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 112A-TAAR-R03.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

112A-TAAR-R03 Datasheet(HTML) 5 Page - ATTEND Technology Inc.

  112A-TAAR-R03 Datasheet HTML 1Page - ATTEND Technology Inc. 112A-TAAR-R03 Datasheet HTML 2Page - ATTEND Technology Inc. 112A-TAAR-R03 Datasheet HTML 3Page - ATTEND Technology Inc. 112A-TAAR-R03 Datasheet HTML 4Page - ATTEND Technology Inc. 112A-TAAR-R03 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
112A-TAAR-R03
FILE:
112A-TAAR-R03_spec
DATE:
2012/09/12
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-5 -
Peak temperature: 260℃
Soldering temperature: 230℃
Preheating temperature: 150-180℃
Peak temperature
60-90 sec
Preheating
20-30 sec
Soldering
Time (sec)
Temperature ( ℃ )
230
150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com