Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112A-TAAR-R03 Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 112A-TAAR-R03
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 112A-TAAR-R03.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

112A-TAAR-R03 Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  112A-TAAR-R03 Datasheet HTML 1Page - ATTEND Technology Inc. 112A-TAAR-R03 Datasheet HTML 2Page - ATTEND Technology Inc. 112A-TAAR-R03 Datasheet HTML 3Page - ATTEND Technology Inc. 112A-TAAR-R03 Datasheet HTML 4Page - ATTEND Technology Inc. 112A-TAAR-R03 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
112A-TAAR-R03
FILE:
112A-TAAR-R03_spec
DATE:
2012/09/12
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
ELECTRICAL
Item
Requirement
Test Condition
Rating Current
0.5A (Max.)/(1PIN)
Rating Voltage
100V AC/DC
Contact Resistance
Initial: 50 mΩ (Max)
Solder connectors on PCB and mate them together,
measure by applying closed circuit current of 10mA
maximum at open circuit voltage of 20mV (max).
(JIS C5402 5.4)
Insulation Resistance
Initial:1,000 MΩ(Min). Apply 500V DC between adjacent contacts, or contact
and ground. (MIL-STD-202 METHOD 302)
Dielectric Withstanding
Voltage
No breakdown
Mate connectors; apply 500V AC (rms.) between two
adjacent for 1 minute. (Trip current:1mA)
(MIL-STD-202 METHOD 301)
MECHANICAL
Item
Requirement
Test Condition
Contact Retention Force
2.5N per pin (Min.)
Place a connector on the push-pull machine, then
apply a force on a contact head and push the contact to
the opposite direction of the contact insertion at the
speed of 25 ± 3mm/min. (EIA364-29)
Durability
Finish
1.Contact Resistance:
80mΩ(Max)
2.No Damage
Solder connectors on PCB, then place them on the
pull-push machine, and repeat mating and un-mating
10,000cycles repeatedly at a rate of 400~600
cycles/hour. (EIA364-09)
Vibration
Finish
1. No electrical
discontinuity more
than 0.1μs.
2 .No Damage
3. Contact Resistance:
80mΩ(Max)
Mate dummy card and subject to the following
vibration conditions, for a period of 30 minutes in each
of 3 mutually perpendicular axis, passing DC 1 mA
during the test.
Amplitude: 1.52 mm P-P or 19.6 m/s2
Frequency: 10-55-10Hz
Shall be traversed in 1minute.
(MIL-STD-202 METHOD 201)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com