Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115F Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 115F
Description  HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115F Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  115F Datasheet HTML 1Page - ATTEND Technology Inc. 115F Datasheet HTML 2Page - ATTEND Technology Inc. 115F Datasheet HTML 3Page - ATTEND Technology Inc. 115F Datasheet HTML 4Page - ATTEND Technology Inc. 115F Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
Initial: 30mΩ Max.
After test: 100mΩ Max.
(EIA 364-23 )
Subject mated contacts assembled in housing to
20mV maximum open circuit at 100 mA maximum
The object of this test is to detail a standard
method to measure the electrical resistance across
a pair of mated contacts such that the insulating
films, if present will not be broken or asperity
melting will not occur.
Insulation Resistance
1000MΩ Min.
(EIA 364-21 )
Apply a 500V DC between adjacent terminals and
between terminals to ground
Dielectric Withstanding
Voltage
500V AC for 1 minute at
sea level, No flashover or
insulation breakdown
(EIA 364-20 )
Apply a voltage 500V AC R.M.S for 1 minute
between adjacent terminals and between terminals
to ground.
MECHANICAL
Item
Requirement
Test Condition
Contact Normal Force
0.2N min. per Pin
Apply perpendicular force to terminal at the rate of
12.5mm/min. Measure contact normal force at
working height, read at return curve.
Durability
No abnormal
Contact Normal force:
0.2N min. pre Pin
Contact Resistance:
100mΩ Max.
Mate and unmate connector to 5000 cycles. Take
reading at 5000 cycles.
1 cycles (card loaded)= lid closed->lid locked->lid
unlocked->lid opened
Exchange the actually card every 2000 cycles.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com