Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115F Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 115F
Description  HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115F Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  115F Datasheet HTML 1Page - ATTEND Technology Inc. 115F Datasheet HTML 2Page - ATTEND Technology Inc. 115F Datasheet HTML 3Page - ATTEND Technology Inc. 115F Datasheet HTML 4Page - ATTEND Technology Inc. 115F Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
ENVIRONMENTAL
Item
Requirement
Test Condition
Vibration
No abnormal.
Contact Resistance:
100mΩ Max.
Discontinuity:
1 microsecond Max.
(EIA-364-28)
Amplitude:1.52mm P-P or 1.47mm/s^2
Sweep time:10~55~10Hz in 20 minutes
Duration:12 time in each (total of 36 times)
Electrical: DC 100 mA current
Load shall be flowed during the test
Thermal Shock
No abnormal.
Contact Resistance:
100mΩ Max.
(EIA 364-32 I)
Subject mated connectors should be tested
according to the condition listed below:
Temperature: -25 to 85°C
Cycles: 5 cycles
Exposure time at temp. Extremes: 30 minutes.
Salt Spray
No abnormal.
Subject mated connectors to 24 hours Min. at 35°C
with 5%-Salt-solution concentration.
Humidity
No abnormal.
(EIA 364-31)
Mate a dummy card and expose to 60±2°C for 96
hours Relative humidity 90.Upon completion of the
exposure period, the test specimens shall be
conditioned at ambient room conditions for 1 to 2
hours, after which the specified measurements
shall be performed
Heat Resistance
No abnormal.
(EIA 364-17 )
Mate a dummy card and expose to 70±2°C for
96Hr Upon completion of the exposure period, the
test specimens shall be conditioned at ambient
room conditions for 1 to 2Hr, after which the
specified measurements shall be performed.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com