Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

119A-40A00-R02 Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 119A-40A00-R02
Description  Mini PCI Express Socket, GF, Reel, H=4.0mm, (w/Logo)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

119A-40A00-R02 Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  119A-40A00-R02 Datasheet HTML 1Page - ATTEND Technology Inc. 119A-40A00-R02 Datasheet HTML 2Page - ATTEND Technology Inc. 119A-40A00-R02 Datasheet HTML 3Page - ATTEND Technology Inc. 119A-40A00-R02 Datasheet HTML 4Page - ATTEND Technology Inc. 119A-40A00-R02 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
119A-XXA00-R02
File
119A-XXA00-R02_spec_4
Date
2020/04/16
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of below table
P/N
Description
119A-40A00-R02
Mini PCI Express Socket, GF, Reel, H=4.0mm, (w/Logo)
119A-56A00-R02
Mini PCI Express Socket, GF, Reel, H=5.6mm, (w/Logo)
119A-80A00-R02
Mini PCI Express Socket, GF, Reel, H=8.0mm, (w/Logo)
119A-92A00-R02
Mini PCI Express Socket, GF, Reel, H=9.2mm, (w/Logo)
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIALS
NO.
PART NAME
DESCRIPTION
1
HOUSING
LCP MG350, UL94V-0, Black
2
CONTACT
Phosphor Bronze, C5191
Contact Area: Gold Flash, solder area: 100u” matte Tin, all under plated
50u” Nickel
3
HOLD DOWN
Brass, C2680,
Solder area: 100u” matte Tin plated, under plated 50u” Nickel
RATING
Rated Voltage
50V AC
Rated Current
0.5A
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Durability
50 cycles
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
Initial: 30mΩ Max.
After test 20mΩ change max.
Solder connectors on PCB and mate
them together, measure by applying
closed circuit current of 100mA


Similar Part No. - 119A-40A00-R02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
119A.SA ETC2-119A.SA Datasheet
3Mb / 4P
General Purpose Tweezers
logo
Sanyo Semicon Device
119AC-14086Z SANYO-119AC-14086Z Datasheet
519Kb / 15P
FM IF SYSTEM FOR CAR RADIO
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN Datasheet
234Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
09-Jan-17
119AHT-DIN VISHAY-119AHT-DIN Datasheet
213Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
09-Jan-17
More results

Similar Description - 119A-40A00-R02

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
PCI & MINI PCI EXPRESS
logo
Axiomtek Co., Ltd.
CAPA801 AXIOMTEK-CAPA801 Datasheet
281Kb / 1P
PCI Express Mini Card expansion
MANO830 AXIOMTEK-MANO830 Datasheet
274Kb / 1P
PCI Express Mini Card supported
logo
Tyco Electronics
1318228-1 MACOM-1318228-1 Datasheet
28Kb / 1P
Mini PCI Socket
logo
Adam Technologies, Inc.
MIN-PCI ADAM-TECH-MIN-PCI Datasheet
91Kb / 1P
MINI PCI EXPRESS CONNECTOR
MPCI-124-SG-8-0-A ADAM-TECH-MPCI-124-SG-8-0-A Datasheet
112Kb / 1P
MINI PCI SOCKET
MPCI-A-124-SG-X-X ADAM-TECH-MPCI-A-124-SG-X-X Datasheet
93Kb / 1P
MINI PCI SOCKET
MPE-52-R-SMT-XX ADAM-TECH-MPE-52-R-SMT-XX Datasheet
105Kb / 1P
MINI PCI EXPRESS CONNECTOR
MPE-52-R-SMT-XX-TR ADAM-TECH-MPE-52-R-SMT-XX-TR Datasheet
110Kb / 1P
MINI PCI EXPRESS CONNECTOR
logo
Axiomtek Co., Ltd.
MANO830 AXIOMTEK-MANO830_16 Datasheet
294Kb / 1P
PCI Express Mini Card supported
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com