Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

119A-40A00-R02 Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 119A-40A00-R02
Description  Mini PCI Express Socket, GF, Reel, H=4.0mm, (w/Logo)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

119A-40A00-R02 Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  119A-40A00-R02 Datasheet HTML 1Page - ATTEND Technology Inc. 119A-40A00-R02 Datasheet HTML 2Page - ATTEND Technology Inc. 119A-40A00-R02 Datasheet HTML 3Page - ATTEND Technology Inc. 119A-40A00-R02 Datasheet HTML 4Page - ATTEND Technology Inc. 119A-40A00-R02 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
maximum at open circuit voltage of
20mV (max).
(JIS C5402 5.4)
Insulation Resistance
Initial: 500Ω Min.
After: 100MΩ Min.
Apply 500V DC between adjacent
contacts, or contact and ground.
(MIL-STD-202 METHOD 302)
Dielectric Withstanding
Voltage
No breakdown
Mate connectors; apply 250V AC at
60Hz (rms.) between two adjacent for 1
minute. (Trip current:0.5mA)
(MIL-STD-202 METHOD 301)
MECHANICAL
Item
Requirement
Test Condition
Contact Normal Force
50gf per pin Min.
The normal force of the individual
contact shall be 50 gf minimum
Contact Retention Force
180gf per pin Min.
Place a connector on the push-pull
machine, then apply a force on a
contact head and push the contact to
the opposite direction of the contact
insertion at the speed of 25±3mm/min.
(EIA364-29)
Durability
Finish
1.Contact Resistance:
50mΩ Max.
2.No Damage
After 50 mating and un-mating cycles
with 1.0mm thick board at the rate of
25±3mm/min.
The connector shall be of no damage to
the housing or contacts. The connector
shall also meet the requirements of
contact resistance in the paragraph 5.1
(EIA364-09)
Shock
Finish
1. No electrical discontinuity
more than 0.1μs.
2 .No Damage
3. Contact Resistance: 50mΩ
Max.
Solder connectors on PCB and mate
them together, subject to following
shock conditions, 3 shocks shall be
period along 3 mutually perpendicular
axis, passing DC 1mA current during
the test.
50G,11ms Half-sine



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com