Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

119A-80A00-R02 Datasheet(PDF) 5 Page - ATTEND Technology Inc.

Part # 119A-80A00-R02
Description  Mini PCI Express Socket, GF, Reel, H=4.0mm, (w/Logo)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

119A-80A00-R02 Datasheet(HTML) 5 Page - ATTEND Technology Inc.

  119A-80A00-R02 Datasheet HTML 1Page - ATTEND Technology Inc. 119A-80A00-R02 Datasheet HTML 2Page - ATTEND Technology Inc. 119A-80A00-R02 Datasheet HTML 3Page - ATTEND Technology Inc. 119A-80A00-R02 Datasheet HTML 4Page - ATTEND Technology Inc. 119A-80A00-R02 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-5 -
TEST SEQUENCE
No.
Test Item
A
B
C
D
E
F
G
H
I
J
1
Contact Resistance
1,3
1,3
1,3
1,3
1,4
1,3
2
Insulation Resistance
2,5
3
Dielectric Withstanding Voltage
4
Contact Normal Force
1
5
Contact Retention Force
1
6
Durability Life
2
7
Shock
2
8
Temperature Shock
2
9
Heat Resistance
2
10 Humidity
3
11 Salt Spray
2
12 Solder ability
1
13 Resistance to Soldering Heat
1
Sample Quantity
4
4
4
4
4
4
4
4
4
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com